Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1176479 Datasheet (PDF) - PHOENIX CONTACT

1176479 Datasheet PDF - PHOENIX CONTACT
Part # 1176479
Download  1176479 Download
File Size   550.47 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 1,0-PUR/M12FSS PE - Power cable

1176479 Datasheet (PDF)

Go To PDF Page Download Datasheet
1176479 Datasheet PDF - PHOENIX CONTACT

Part # 1176479
Download  1176479 Click to download

File Size   550.47 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 1,0-PUR/M12FSS PE - Power cable

1176479 Datasheet (HTML) - PHOENIX CONTACT


1176479 Product details

Power cable, 3-position, PUR halogen-free, black, free cable end, on Socket straight M12,
coding: S, cable length: 1 m, For alternating current up to 16 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding




Similar Part No. - 1176479

ManufacturerPart #DatasheetDescription
logo
Lapp.
11764200 LAPP-11764200 Datasheet
106Kb / 1P
EPIC® ADAPTER PLATES FOR 1-D SUB INSERT
17.09.2018
11764201 LAPP-11764201 Datasheet
96Kb / 1P
EPIC® ADAPTER PLATES FOR 2-D SUB INSERT
17.09.2018
logo
PHOENIX CONTACT
1176440 PHOENIX-1176440 Datasheet
338Kb / 8P
SAC-3P-M12MRS/10,0-PUR PE - Power cable
More results


Similar Description - 1176479

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1438586 PHOENIX-1438586 Datasheet
91Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/1,0-PUR/A-1LZ
1438600 PHOENIX-1438600 Datasheet
40Kb / 1P
Cable - SAC-3P-MS/1,0-PUR/C-1L-Z
1438613 PHOENIX-1438613 Datasheet
87Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/1,0-PUR/BI-1L-Z
1439007 PHOENIX-1439007 Datasheet
44Kb / 2P
Cable - SAC-3P-MS/1,0-PUR/C-1L-Z SCO
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1683552 PHOENIX-1683552 Datasheet
101Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/1,0-PUR/M 8FS
12/07/2018
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
1698039 PHOENIX-1698039 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/ 1,0-PUR/M12FR-2L
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com