Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1176440 Datasheet (PDF) - PHOENIX CONTACT

1176440 Datasheet PDF - PHOENIX CONTACT
Part # 1176440
Download  1176440 Download
File Size   338.11 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MRS/10,0-PUR PE - Power cable

1176440 Datasheet (PDF)

Go To PDF Page Download Datasheet
1176440 Datasheet PDF - PHOENIX CONTACT

Part # 1176440
Download  1176440 Click to download

File Size   338.11 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MRS/10,0-PUR PE - Power cable

1176440 Datasheet (HTML) - PHOENIX CONTACT


1176440 Product details

Power cable, 3-position, PUR halogen-free, black, Plug angled M12, coding: S, on free cable
end, cable length: 10 m, For alternating current up to 16 A/250 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding




Similar Part No. - 1176440

ManufacturerPart #DatasheetDescription
logo
Lapp.
11764200 LAPP-11764200 Datasheet
106Kb / 1P
EPIC® ADAPTER PLATES FOR 1-D SUB INSERT
17.09.2018
11764201 LAPP-11764201 Datasheet
96Kb / 1P
EPIC® ADAPTER PLATES FOR 2-D SUB INSERT
17.09.2018
logo
PHOENIX CONTACT
1176479 PHOENIX-1176479 Datasheet
550Kb / 18P
SAC-3P- 1,0-PUR/M12FSS PE - Power cable
More results


Similar Description - 1176440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400641 PHOENIX-1400641 Datasheet
105Kb / 7P
Sensor/Actuator cable - SAC-3P-10,0-PUR/C
1400732 PHOENIX-1400732 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/A
1435713 PHOENIX-1435713 Datasheet
107Kb / 6P
Sensor/Actuator cable - SAC-3P-10,0-PUR/CI-1L-Z
1438862 PHOENIX-1438862 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI
1681017 PHOENIX-1681017 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR B
1442340 PHOENIX-1442340 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/10,0-PUR P
09/11/2020
1476788 PHOENIX-1476788 Datasheet
1Mb / 8P
SAC-3P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476782 PHOENIX-1476782 Datasheet
376Kb / 8P
SAC-3P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476796 PHOENIX-1476796 Datasheet
391Kb / 8P
SAC-3P-P12MR/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com