Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1435441 Datasheet (PDF) - PHOENIX CONTACT

1435441 Datasheet PDF - PHOENIX CONTACT
Part # 1435441
Download  1435441 Download
File Size   605.62 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MS/ 0,6-PUR/C-1L-Z SCO - Sensor/actuator cable

1435441 Datasheet (PDF)

Go To PDF Page Download Datasheet
1435441 Datasheet PDF - PHOENIX CONTACT

Part # 1435441
Download  1435441 Click to download

File Size   605.62 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MS/ 0,6-PUR/C-1L-Z SCO - Sensor/actuator cable

1435441 Datasheet (HTML) - PHOENIX CONTACT


1435441 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, Plug straight M12
SPEEDCON, coding: A, on Valve connector C (8 mm), with 1 LED, Wiring: Z diode, cable length:
0.6 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Convenient: increased machine availability thanks to quick and easy diagnostics
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1435441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435409 PHOENIX-1435409 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/B-1L-Z
1435412 PHOENIX-1435412 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-Z
1435425 PHOENIX-1435425 Datasheet
586Kb / 24P
SAC-3P-B-1L-Z/.../... - Sensor/actuator cable
1435438 PHOENIX-1435438 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/C-1L-Z SCO
1435454 PHOENIX-1435454 Datasheet
604Kb / 16P
SAC-3P-MS/ 1,5-PUR/C-1L-Z SCO - Sensor/actuator cable
More results


Similar Description - 1435441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434918 PHOENIX-1434918 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/A-1L-Z SCO
1434947 PHOENIX-1434947 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/A-1L-Z SCO
1435195 PHOENIX-1435195 Datasheet
118Kb / 8P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/BI-1L-Z SCO
1435292 PHOENIX-1435292 Datasheet
114Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,6-PUR/B-1L-Z SCO
1435344 PHOENIX-1435344 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/B-1L-Z SCO
1435438 PHOENIX-1435438 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/C-1L-Z SCO
1435467 PHOENIX-1435467 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/C-1L-Z SCO
1435496 PHOENIX-1435496 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/C-1L-Z SCO
1435593 PHOENIX-1435593 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,6-PUR/CI-1L-Z SCO
1435645 PHOENIX-1435645 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/CI-1L-Z SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com