Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1435425 Datasheet (PDF) - PHOENIX CONTACT

1435425 Datasheet PDF - PHOENIX CONTACT
Part # 1435425
Download  1435425 Download
File Size   586.74 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-B-1L-Z/.../... - Sensor/actuator cable

1435425 Datasheet (PDF)

Go To PDF Page Download Datasheet
1435425 Datasheet PDF - PHOENIX CONTACT

Part # 1435425
Download  1435425 Click to download

File Size   586.74 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-B-1L-Z/.../... - Sensor/actuator cable

1435425 Datasheet (HTML) - PHOENIX CONTACT


1435425 Product details

Sensor/actuator cable, 3-position, free cable end, on Valve connector B (10 mm), with 1 LED,
Wiring: Z diode, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Convenient: increased machine availability thanks to quick and easy diagnostics
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1435425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435409 PHOENIX-1435409 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/B-1L-Z
1435412 PHOENIX-1435412 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-Z
1435438 PHOENIX-1435438 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/C-1L-Z SCO
1435441 PHOENIX-1435441 Datasheet
605Kb / 17P
SAC-3P-MS/ 0,6-PUR/C-1L-Z SCO - Sensor/actuator cable
1435454 PHOENIX-1435454 Datasheet
604Kb / 16P
SAC-3P-MS/ 1,5-PUR/C-1L-Z SCO - Sensor/actuator cable
More results


Similar Description - 1435425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400610 PHOENIX-1400610 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/B-1L-Z
1415922 PHOENIX-1415922 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/B-1L-Z
1415923 PHOENIX-1415923 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/B-1L-Z
1415924 PHOENIX-1415924 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/B-1L-Z
1435386 PHOENIX-1435386 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/B-1L-Z
1435399 PHOENIX-1435399 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/B-1L-Z
1435409 PHOENIX-1435409 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/B-1L-Z
1435412 PHOENIX-1435412 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/B-1L-Z
1439405 PHOENIX-1439405 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,3-PUR/B-1L-Z
1439418 PHOENIX-1439418 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/B-1L-Z
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com