Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1244452 Datasheet (PDF) - PHOENIX CONTACT

1244452 Datasheet PDF - PHOENIX CONTACT
Part # 1244452
Download  1244452 Download
File Size   496.57 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPS48A9LB3SX - Coupler connector

1244452 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244452 Datasheet PDF - PHOENIX CONTACT

Part # 1244452
Download  1244452 Click to download

File Size   496.57 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPS48A9LB3SX - Coupler connector

1244452 Datasheet (HTML) - PHOENIX CONTACT


1244452 Product details

M23, Coupler connector, series: SH, straight long, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 8+4+PE, contact connection type: Pin, Crimp connection, cable diameter
range: 9 mm ... 12 mm, coding: N, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• All housing can be fitted with pin or socket contacts
• A total of eight contacts are available for signal transmission
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1244452

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244450 PHOENIX-1244450 Datasheet
498Kb / 14P
SH-8EPS48A9LDLSX - Coupler connector
1244451 PHOENIX-1244451 Datasheet
499Kb / 14P
SH-8EPS48A9LB4SX - Coupler connector
1244454 PHOENIX-1244454 Datasheet
497Kb / 13P
SH-8EPS48A9LB1SX - Coupler connector
1244458 PHOENIX-1244458 Datasheet
192Kb / 5P
SH-08KP0,06-0,34 - Crimp contact
1244459 PHOENIX-1244459 Datasheet
178Kb / 4P
SH-08KP0,34-0,50 - Crimp contact
More results


Similar Description - 1244452

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621553 PHOENIX-1621553 Datasheet
345Kb / 9P
Coupler connector - SH-8EPC58A9LB1S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621549 PHOENIX-1621549 Datasheet
148Kb / 10P
Coupler connector - SH-8EPC58A9LDLS
09/11/2020
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621539 PHOENIX-1621539 Datasheet
712Kb / 19P
SH-8ESC58A9LDLS - Coupler connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1621547 PHOENIX-1621547 Datasheet
587Kb / 15P
SH-8ESS48A9LB2S - Coupler connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com