Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1244459 Datasheet (PDF) - PHOENIX CONTACT

1244459 Datasheet PDF - PHOENIX CONTACT
Part # 1244459
Download  1244459 Download
File Size   178.39 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-08KP0,34-0,50 - Crimp contact

1244459 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244459 Datasheet PDF - PHOENIX CONTACT

Part # 1244459
Download  1244459 Click to download

File Size   178.39 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-08KP0,34-0,50 - Crimp contact

1244459 Datasheet (HTML) - PHOENIX CONTACT


1244459 Product details

Crimp contact, Pin, turned, contact diameter: 0.8 mm, crimp range: 0.34 mm2 ... 0.5 mm2, Item is
lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1244459

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244450 PHOENIX-1244450 Datasheet
498Kb / 14P
SH-8EPS48A9LDLSX - Coupler connector
1244451 PHOENIX-1244451 Datasheet
499Kb / 14P
SH-8EPS48A9LB4SX - Coupler connector
1244452 PHOENIX-1244452 Datasheet
496Kb / 13P
SH-8EPS48A9LB3SX - Coupler connector
1244454 PHOENIX-1244454 Datasheet
497Kb / 13P
SH-8EPS48A9LB1SX - Coupler connector
1244458 PHOENIX-1244458 Datasheet
192Kb / 5P
SH-08KP0,06-0,34 - Crimp contact
More results


Similar Description - 1244459

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDH-C-MT-R ADAM-TECH-CDH-C-MT-R Datasheet
72Kb / 1P
CRIMP CONTACT
MTC-C-X ADAM-TECH-MTC-C-X Datasheet
36Kb / 1P
CRIMP CONTACT
MTE-XX ADAM-TECH-MTE-XX Datasheet
34Kb / 1P
CRIMP CONTACT
MTE-XX-PB ADAM-TECH-MTE-XX-PB Datasheet
69Kb / 1P
CRIMP CONTACT
logo
PHOENIX CONTACT
1008163 PHOENIX-1008163 Datasheet
292Kb / 6P
SH-Z0014 - Contact insert
1244461 PHOENIX-1244461 Datasheet
197Kb / 5P
SH-20KS0,25-2,50 - Crimp contact
1244464 PHOENIX-1244464 Datasheet
194Kb / 5P
SH-20KP0,25-2,50 - Crimp contact
1008161 PHOENIX-1008161 Datasheet
291Kb / 6P
SH-Z0012 - Contact insert
1244458 PHOENIX-1244458 Datasheet
192Kb / 5P
SH-08KP0,06-0,34 - Crimp contact
1340894 PHOENIX-1340894 Datasheet
430Kb / 12P
D3HC-MP 0,20-0,50-M-SN-R - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com