Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8645X Datasheet (PDF) - Maxim Integrated Products

MAX8645X Datasheet PDF - Maxim Integrated Products
Part # MAX8645X
Download  MAX8645X Download
File Size   310.54 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN

MAX8645X Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8645X Datasheet PDF - Maxim Integrated Products

Part # MAX8645X
Download  MAX8645X Click to download

File Size   310.54 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN

MAX8645X Datasheet (HTML) - Maxim Integrated Products


MAX8645X Product details

General Description
The MAX8645X/MAX8645Y charge pumps drive up to eight white LEDs with regulated constant current for uniform intensity. The main group of LEDs (M1–M6) can be driven up to 30mA per LED for backlighting. The flash group of LEDs (F1 and F2) is independently controlled and can be driven up to 200mA per LED (or 400mA total). Two 200mA LDOs are on-board to provide power for camera functions. The LDOs’ output voltages are pin programmable to meet different camera-module requirements. The MAX8645X and MAX8645Y differ only in LDO output voltages. By utilizing adaptive 1x/1.5x/2x charge pump modes and very-low-dropout current regulators, the MAX8645X/MAX8645Y achieve high efficiency over the full 1-cell lithium-battery voltage range. The 1MHz fixed-frequency switching allows for tiny external components, and the regulation scheme is optimized to ensure low EMI and low input ripple.
The MAX8645X/MAX8645Y are available in a 28-pin TQFN, 4mm x 4mm (0.8mm max height) lead-free package.

Features
♦ Power Up to Eight LEDs
   Up to 30mA/LED Drive for Backlight
   Up to 400mA Total Drive for Flash
♦ Two Internal Low-Noise 200mA LDOs
♦ 94% Max/85% Avg Efficiency (PLED/PBATT) over Li+
   Battery Discharge
♦ 0.2% Typical LED Current Matching
♦ Adaptive 1x/1.5x/2x Mode Switchover
♦ Single-Wire, Serial-Pulse Interface for Brightness
   Control (32 Steps)
♦ Thermal TA Derating Function
♦ Low Input Ripple and EMI
♦ 2.7V to 5.5V Supply Voltage Range
♦ Soft-Start, Overvoltage, and Thermal-Shutdown
   Protection
♦ 28-Pin TQFN, 4mm x 4mm Package

Applications
   Camera Phones and Smartphones
   Backlighting and Flash
   PDAs, Digital Cameras, and Camcorders




Similar Part No. - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645XETI MAXIM-MAX8645XETI Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
More results


Similar Description - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com