Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8645X Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8645X
Description  1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8645X Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8645X Datasheet HTML 1Page - Maxim Integrated Products MAX8645X Datasheet HTML 2Page - Maxim Integrated Products MAX8645X Datasheet HTML 3Page - Maxim Integrated Products MAX8645X Datasheet HTML 4Page - Maxim Integrated Products MAX8645X Datasheet HTML 5Page - Maxim Integrated Products MAX8645X Datasheet HTML 6Page - Maxim Integrated Products MAX8645X Datasheet HTML 7Page - Maxim Integrated Products MAX8645X Datasheet HTML 8Page - Maxim Integrated Products MAX8645X Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EVALUATION
KIT
AVAILABLE
General Description
The MAX8645X/MAX8645Y charge pumps drive up to
eight white LEDs with regulated constant current for uni-
form intensity. The main group of LEDs (M1–M6) can be
driven up to 30mA per LED for backlighting. The flash
group of LEDs (F1 and F2) is independently controlled
and can be driven up to 200mA per LED (or 400mA total).
Two 200mA LDOs are on-board to provide power for
camera functions. The LDOs’ output voltages are pin pro-
grammable to meet different camera-module require-
ments. The MAX8645X and MAX8645Y differ only in LDO
output voltages. By utilizing adaptive 1x/1.5x/2x charge-
pump modes and very-low-dropout current regulators,
the MAX8645X/MAX8645Y achieve high efficiency over
the full 1-cell lithium-battery voltage range. The 1MHz
fixed-frequency switching allows for tiny external compo-
nents, and the regulation scheme is optimized to ensure
low EMI and low input ripple.
The MAX8645X/MAX8645Y are available in a 28-pin TQFN,
4mm x 4mm (0.8mm max height) lead-free package.
Applications
Camera Phones and Smartphones
Backlighting and Flash
PDAs, Digital Cameras, and Camcorders
Features
♦ Power Up to Eight LEDs
Up to 30mA/LED Drive for Backlight
Up to 400mA Total Drive for Flash
♦ Two Internal Low-Noise 200mA LDOs
♦ 94% Max/85% Avg Efficiency (PLED/PBATT) over Li+
Battery Discharge
♦ 0.2% Typical LED Current Matching
♦ Adaptive 1x/1.5x/2x Mode Switchover
♦ Flexible Brightness Control
Single-Wire, Serial-Pulse Interface (32 Steps)
2-Bit Logic (Three Levels)
♦ Thermal TA Derating Function
♦ Low Input Ripple and EMI
♦ 2.7V to 5.5V Supply Voltage Range
♦ Soft-Start, Overvoltage, and Thermal-Shutdown
Protection
♦ 28-Pin TQFN, 4mm x 4mm Package
1x/1.5x/2x White LED Charge Pumps with
Two LDOs in 4mm x 4mm TQFN
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3978; Rev 3; 12/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX8645XETI+
-40°C to +85°C
28 TQFN-EP
4mm x 4mm
T2844-1
MAX8645YETI+
-40°C to +85°C
28 TQFN-EP
4mm x 4mm
T2844-1
Pin Configuration appears at end of data sheet.
MAIN ON/OFF
AND DIMMING
MAX8645X
MAX8645Y
1
μF
10
μF
0.01
μF
10
μF
PIN
IN
PGND
GND
P1
P2
OUT
MAIN
FLASH
OUTPUT
UP TO 580mA
1
μF
1
μF
LDO1
LDO2
C2P
C2N
1
μF
C1P
C1N
REF
SETM
SETF
CAMERA
MODULE
DUAL-LDO
VOLTAGE
SELECTION
INPUT
2.7V TO 5.5V
ENM2
ENM1
ENF
ENLDO
M1
M2
M3
M4
M5
M6
F1
F2
FLASH ON/OFF
DUAL-LDO ON/OFF
Typical Operating Circuit
EP = Exposed paddle.
+Denotes a lead-free package.


Similar Part No. - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645XETI MAXIM-MAX8645XETI Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
More results

Similar Description - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Maxim Integrated Produc...
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com