Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDR Datasheet (PDF) - Texas Instruments

THVD2452VDR Datasheet PDF - Texas Instruments
Part # THVD2452VDR
Download  THVD2452VDR Download
File Size   2248.87 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description THVD24xxV ±70V Fault-Protected 3V to 5.5V RS-485 Transceivers with Flexible I/O Supply and IEC ESD

THVD2452VDR Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD2452VDR Datasheet PDF - Texas Instruments

Part # THVD2452VDR
Download  THVD2452VDR Click to download

File Size   2248.87 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description THVD24xxV ±70V Fault-Protected 3V to 5.5V RS-485 Transceivers with Flexible I/O Supply and IEC ESD

THVD2452VDR Datasheet (HTML) - Texas Instruments


THVD2452VDR Product details

1 Features
• Meets or exceeds the requirements of the TIA/
EIA-485A and TIA/EIA-422B standards
• 3V to 5.5V RS-485 supply voltage
• Differential output exceeds 2.1V for PROFIBUS
compatibility with 5V supply
• 1.65V to 5.5V Supply for logic signal interface
• SLR Pin Selectable Data Rates:
– THVD2410V, THVD2412V: 250kbps and
1Mbps
– THVD2450V, THVD2452V: 20Mbps and
50Mbps
• Bus I/O protection
– ±70V DC bus fault
– ±16kV HBM ESD
– Half duplex devices: ±15kV IEC 61000-4-2
contact and air-gap discharge
– Full duplex devices: ±8kV IEC 61000-4-2
contact and air-gap discharge
– ±4kV IEC 61000-4-4 fast transient burst
• Half-duplex and Full-Duplex devices available in
two speed grades
• Extended ambient temperature range: -40°C to
125°C
• Extended operational common-mode range: ±25V
• Enhanced receiver hysteresis for noise immunity
• Low power consumption
– Low shutdown supply current: < 5μA
– Quiescent current during operation: < 5.3mA
• Glitch-free power-up/down for hot plug-in capability
• Open, short, and idle bus failsafe
• Thermal shutdown
• 1/8 unit load (up to 256 bus nodes) in -7V to 12V
common mode range
• Small 3mm x 3mm VSON package to save board
space, or 14-SOIC for drop-in compatibility

2 Applications
• Motor drives
• Factory automation and control
• HVAC systems
• Building automation
• Grid infrastructure
• Electricity meters
• Process analytics
• Video surveillance

3 Description
THVD24xxV are ±70V fault-protected, half and fullduplex
RS-422/RS-485 transceivers using a 1.65V to
5.5V supply for logic signal interface, and a 3V to 5.5V
bus side supply. These devices have slew rate select
feature that enables them to be used at two maximum
speeds based on the SLR pin setting.
These devices feature integrated IEC ESD
protection, eliminating the need for external
system-level protection components. Extended ±25V
input common-mode range makes reliable data
communication over longer cable run lengths and/or
in the presence of large ground loop voltages.
Enhanced 250-mV receiver hysteresis provides high
noise rejection. In addition, the receiver fail-safe
feature makes sure of a logic high when the inputs
are open or shorted together.




Similar Part No. - THVD2452VDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD2452VDR TI2-THVD2452VDR Datasheet
2Mb / 41P
THVD24xxV ±70V Fault-Protected 3V to 5.5V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED MARCH 2024
THVD2452VDR.A TI2-THVD2452VDR.A Datasheet
2Mb / 41P
THVD24xxV ±70V Fault-Protected 3V to 5.5V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED MARCH 2024
THVD2452VDREP TI1-THVD2452VDREP Datasheet
1Mb / 37P
THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
REVISED AUGUST 2024
THVD2452VDREP TI-THVD2452VDREP Datasheet
1Mb / 40P
THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
OCTOBER 2024
More results


Similar Description - THVD2452VDR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006
logo
Linear Technology
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
Fault-Protected RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
logo
Texas Instruments
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
THVD2450V TI-THVD2450V Datasheet
1Mb / 35P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
THVD2410V TI1-THVD2410V Datasheet
2Mb / 38P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
THVD2410V TI-THVD2410V_V01 Datasheet
2Mb / 39P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com