Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet (PDF) - Texas Instruments

THVD2452VDREP Datasheet PDF - Texas Instruments
Part # THVD2452VDREP
Download  THVD2452VDREP Download
File Size   2029.53 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability

THVD2452VDREP Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD2452VDREP Datasheet PDF - Texas Instruments

Part # THVD2452VDREP
Download  THVD2452VDREP Click to download

File Size   2029.53 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability

THVD2452VDREP Datasheet (HTML) - Texas Instruments


THVD2452VDREP Product details

1 Features
• Meets or exceeds the requirements of the TIA/
EIA-485A and TIA/EIA-422B standards
• Enhanced Product
– Military temperature range (-55°C to 125°C)
– One wafer fabrication site and one assembly
and test site
– Gold bond wire, NiPdAu lead finish
– Wafer lot traceability
– Extended product life cycle
• 3V to 5.5V supply voltage
• Differential output exceeds 2.1V for PROFIBUS
compatibility with 5V supply
• 1.65V to 5.5V Supply for data and enable signals
• SLR Pin Selectable Data Rates:
– THVD2410V-EP : 250kbps and 1Mbps
– THVD2450V-EP, THVD2452V-EP: 20Mbps and
50Mbps
• Bus I/O protection
– ±70V DC bus fault
– ±16kV HBM ESD
– THVD2410V-EP, THVD2450V-EP
• ±15kV IEC 61000-4-2 contact and air-gap
discharge
– THVD2452V-EP
• ±8kV IEC 61000-4-2 contact and air-gap
discharge
– ±4kV IEC 61000-4-4 fast transient burst
• Half-duplex and full-duplex devices available in
two speed grades
• Symmetric common mode voltage range: ±12V
• Enhanced receiver hysteresis for noise immunity
• Low power consumption
– Low shutdown supply current: < 1μA
– Current during operation: < 5.3mA
• Glitch-free power-up/down for hot plug-in capability
• Open, short, and idle bus failsafe
• Thermal shutdown
• 1/8 unit load (up to 256 bus nodes)
• Small mm x 3mm VSON package (half-duplex) to
save board space, or 14-D (full-duplex) for drop-in
compatibility

2 Applications
• Avionics
• Smart munitions
• Sensors, imaging and radar
• Ruggedized communication

3 Description
THVD24xxV-EP are ±70V fault-protected, half and
full-duplex RS-422/RS-485 transceivers using a 1.65V
to 5.5V logic supply for data and enable logic signals,
and a 3V to 5.5V bus side supply. These devices have
slew rate select feature that enables them to be used
at two maximum speeds based on the SLR pin setting
These devices feature integrated IEC ESD protection,
eliminating the need for external system-level
protection components. The ±12V input commonmode
range makes reliable data communication over
longer cable run lengths and/or in the presence
of large ground loop voltages. Enhanced 250mV
receiver hysteresis provides high noise rejection. In
addition, the receiver fail-safe feature makes sure of
a logic high when the inputs are open or shorted
together.
THVD24xxV-EP half-duplex devices are available
in small VSON package for space-constrained
applications. The devices are available in standard
14-SOIC package.




Similar Part No. - THVD2452VDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD2452VDREP TI1-THVD2452VDREP Datasheet
1Mb / 37P
THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
REVISED AUGUST 2024
More results


Similar Description - THVD2452VDREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
June 2003
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com