Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 8 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 4Page - Texas Instruments THVD2452VDREP Datasheet HTML 5Page - Texas Instruments THVD2452VDREP Datasheet HTML 6Page - Texas Instruments THVD2452VDREP Datasheet HTML 7Page - Texas Instruments THVD2452VDREP Datasheet HTML 8Page - Texas Instruments THVD2452VDREP Datasheet HTML 9Page - Texas Instruments THVD2452VDREP Datasheet HTML 10Page - Texas Instruments THVD2452VDREP Datasheet HTML 11Page - Texas Instruments THVD2452VDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
5.7 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted). All typical values are at 25°C and supply voltage of VCC
= 5 V, VIO = 3.3 V , unless otherwise noted. (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVVIO(hys)
Hysteresis on under-voltage
of VIO
30
mV
ICC
Supply current (quiescent),
VCC = 4.5 V to 5.5 V
Driver and receiver enabled
RE = 0 V, DE = VIO,
No load
3.5
5.3
mA
Driver enabled, receiver disabled
RE = VIO, DE = VIO,
No load
2.5
4.2
mA
Driver disabled, receiver enabled
RE = 0 V, DE = 0 V,
No load
1.8
2.4
mA
Driver and receiver disabled
RE = VIO, DE = 0 V,
D = open, No load
0.1
1.2
µA
ICC
Supply current (quiescent),
VCC = 3 V to 3.6 V
Driver and receiver enabled
RE = 0 V, DE = VIO,
No load
3
4.1
mA
Driver enabled, receiver disabled
RE = VIO, DE = VIO,
No load
2
3
mA
Driver disabled, receiver enabled
RE = 0 V, DE = 0 V,
No load
1.6
2.2
mA
Driver and receiver disabled
RE = VIO, DE = 0 V,
D = open, No load
0.1
1
µA
IIO
Logic supply current
(quiescent), VIO = 3 to 3.6
V
Driver disabled, Receiver enabled, SLR = GND
DE = 0 V, RE = 0 V,
No load
4.5
8.4
µA
Driver disabled, Receiver enabled, SLR = VIO
DE = 0 V, RE = 0 V,
No load
3.3
8.4
µA
Driver disabled, Receiver disabled, SLR = GND
DE = 0 V, RE = VIO,
No load
0.1
1
µA
Driver disabled, Receiver disabled, SLR = VIO
DE = 0 V, RE = VIO,
No load
1.8
4
µA
(1)
A, B are driver output and receiver input terminals for Half duplex devices; A/B are Receiver input, Y/Z are driver output terminals for
Full duplex devices
(2)
Under any specific conditions, VTH+ is assured to be at least VHYS higher than VTH–.
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com