Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 20 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments THVD2452VDREP Datasheet HTML 20Page - Texas Instruments THVD2452VDREP Datasheet HTML 21Page - Texas Instruments THVD2452VDREP Datasheet HTML 22Page - Texas Instruments THVD2452VDREP Datasheet HTML 23Page - Texas Instruments THVD2452VDREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Table 7-3 shows SLR (slew rate select) pin functionality. SLR has integrated pull-down, so the device remains in
higher speed mode until SLR is pulled high which limits the slew rate and puts the device in slower speed mode.
Table 7-3. SLR pin control
Device
Functionality w.r.t SLR pin
THVD2410V-EP
SLR = Low or floating: Both transmitter (TX) and receiver (RX)
maximum speed is 1Mbps
SLR = High: Both TX and RX maximum speed is limited to 250kbps
THVD2450V-EP, THVD2452V-EP
SLR = Low or floating: Both transmitter (TX) and receiver (RX)
maximum speed is 50Mbps
SLR = High: Both TX and RX maximum speed is limited to 20Mbps
Table 7-4 shows the device behavior in undervoltage scenarios:
Table 7-4. Supply Function Table
Supply Function Table
VIO
Driver Output
Receiver Output
> UVVCC(rising)
> UVVIO(rising)
Determined by DE and D inputs
Determined by RE and A-B
< UVVCC(falling)
> UVVIO(rising)
High impedance
High impedance
> UVVCC(rising)
< UVVIO(falling)
High impedance
High impedance
< UVVCC(falling)
< UVVIO(falling)
High impedance
High impedance
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com