Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 16 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 12Page - Texas Instruments THVD2452VDREP Datasheet HTML 13Page - Texas Instruments THVD2452VDREP Datasheet HTML 14Page - Texas Instruments THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments THVD2452VDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
VOD
VI
tPLH
tPHL
tr
tf
90%
50 %
10 %
50%
3 V
VOH
VOL
0 V
Input
Generator
VO
VI
50 Ÿ
RE
A
B
R
1.5V
0 V
CL=15 pF
Figure 6-6. Measurement of Receiver Output Rise and Fall Times and Propagation Delays
VO
VI
tPHZ
50 %
50 %
Vcc
0 V
0 V
VOH
90 %
50 %
10 %
VOL
VCC
tPLZ
tPZL(1)
VO
tPZH(1)
D at Vcc
S1 to GND
Input
Generator
VO
VI
50
Ÿ
A
B
R
CL=15 pF
RE
0V or Vcc
DE
Vcc
D
Vcc
1 k
Ÿ
S 1
§
D at 0V
S1 to Vcc
Figure 6-7. Measurement of Receiver Enable/Disable Times With Driver Enabled
VO
VI
50%
Vcc
§ 0V
0V
VOH
50%
VOL
VCC
tPZL(2)
VO
tPZH(2)
A at 1.5V
B at 0V
S1 to GND
A at 0V
B at 1.5V
S1 to VCC
50%
Input
Generator
VO
VI
50Ÿ
A
B
R
CL= 15 pF
RE
0V or 1.5 V
Vcc
1 kŸ
S1
1.5 V or 0 V
50%
90%
10%
tPLZ
tPHZ
Copyright © 2017, Texas Instruments Incorporated
Figure 6-8. Measurement of Receiver Enable Times With Driver Disabled
VO
A
B
R
CL= 15 pF
RE
VA = 0 V or -750 mV
VB = 0 V or +750 mV
0 V
VA - VB
-1.5 V
0 V
VO
0 V
VCC
VCC / 2
tD(OFS)
tD(FSO)
Copyright © 2017, Texas Instruments Incorporated
Figure 6-9. Measurement of Fail-Safe Delay
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com