Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 25 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 25 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 21Page - Texas Instruments THVD2452VDREP Datasheet HTML 22Page - Texas Instruments THVD2452VDREP Datasheet HTML 23Page - Texas Instruments THVD2452VDREP Datasheet HTML 24Page - Texas Instruments THVD2452VDREP Datasheet HTML 25Page - Texas Instruments THVD2452VDREP Datasheet HTML 26Page - Texas Instruments THVD2452VDREP Datasheet HTML 27Page - Texas Instruments THVD2452VDREP Datasheet HTML 28Page - Texas Instruments THVD2452VDREP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
8.2.2 Detailed Design Procedure
Figure 8-6 suggests a protection circuit against 1kV surge (IEC 61000-4-5) transients. Table 8-1 shows the
associated bill of materials. SMAJ30CA TVS diodes are rated to operate up to 30V. This makes sure the
protection diodes do not conduct if a direct RS-485 bus shorts to 24V DC industrial power rail.
3.3V ± 5 V
RxD
TxD
DIR
MCU/
UART
10k
10k
100nF
DIR
10k
R
D
DE
/RE
B
A
GND
V
CC
THVD24x0
TVS
TVS
Figure 8-6. Transient Protection Against Surge Transients for Half-Duplex Devices
Table 8-1. Components List
DEVICE
FUNCTION
ORDER NUMBER
MANUFACTURER(1)
XCVR
RS-485 transceiver
THVD2410V-EP
Or THVD2450V-EP
TI
TVS
Bidirectional 400-W transient suppressor
SMAJ30CA
Littelfuse
(1)
See Third-Party Products Disclaimer
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com