Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 15 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 11Page - Texas Instruments THVD2452VDREP Datasheet HTML 12Page - Texas Instruments THVD2452VDREP Datasheet HTML 13Page - Texas Instruments THVD2452VDREP Datasheet HTML 14Page - Texas Instruments THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
6 Parameter Measurement Information
0V or Vcc
A
B
DE
Vcc
Vtest
V
OD
D
375 Ÿ
RL
375 Ÿ
Figure 6-1. Measurement of Driver Differential Output Voltage With Common-Mode Load
A
B
VOC
VOC(PP)
ûVOC(SS)
VA
VB
0V or Vcc
A
B
D
RL/2
CL
VOC
VOD
RL/2
Figure 6-2. Measurement of Driver Differential and Common-Mode Output With RS-485 Load
VOD
VI
tPLH
tPHL
tr
tf
90%
50%
10%
50%
Vcc
± 2 V
0 V
Input
Generator
A
B
Vcc
VOD
D
RL=
54 Ÿ
VI
50 Ÿ
DE
CL= 50 pF
~
~
~
~2 V
Figure 6-3. Measurement of Driver Differential Output Rise and Fall Times and Propagation Delays
VO
VI
tPZH
tPHZ
50%
50%
Vcc
§ 0V
0V
VOH
90%
Input
Generator
A
B
VO
D
RL=
110 Ÿ
VI
50Ÿ
DE
CL=
50 pF
S1
Copyright © 2017, Texas Instruments Incorporated
Figure 6-4. Measurement of Driver Enable and Disable Times With Active High Output and Pull-Down
Load
VO
VI
tPZL
tPLZ
50%
50%
Vcc
§ Vcc
0V
VOL
10%
Input
Generator
A
B
VO
D
RL= 110 Ÿ
VI
50Ÿ
DE
CL=
50 pF
S1
Vcc
Copyright © 2017, Texas Instruments Incorporated
Figure 6-5. Measurement of Driver Enable and Disable Times With Active Low Output and Pull-up Load
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com