Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 12 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 8Page - Texas Instruments THVD2452VDREP Datasheet HTML 9Page - Texas Instruments THVD2452VDREP Datasheet HTML 10Page - Texas Instruments THVD2452VDREP Datasheet HTML 11Page - Texas Instruments THVD2452VDREP Datasheet HTML 12Page - Texas Instruments THVD2452VDREP Datasheet HTML 13Page - Texas Instruments THVD2452VDREP Datasheet HTML 14Page - Texas Instruments THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
5.11 Switching Characteristics - 50 Mbps
50-Mbps (THVD2450V-EP, THVD2452V-EP with SLR = 0 or floating) over recommended operating conditions. All typical
values are at 25°C and supply voltage of VCC = 5 V, VIO = 3.3 V, unless otherwise noted. (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
tr, tf
Differential output rise/fall time
VIO = 3 V to 3.6 V, VCC = 3 to 3.6
V, Typical at 3.3 V
RL = 54 Ω, CL = 50 pF
See Figure 6-3
1
5
7
ns
VCC = 4.5 to 5.5 V, Typical at 5 V
1
5
6
ns
tPHL, tPLH
Propagation delay
VIO = 3 V to 3.6 V, VCC = 3 to 3.6
V, Typical at 3.3 V
5
11
19
ns
VIO = 1.65 V to 1.95 V, VCC = 3 to
3.6 V, Typical at 3.3 V
7
12
22
ns
VIO = 3 V to 3.6 V, VCC = 4.5 to 5.5
V, Typical at 5 V
4
8
15
ns
VIO = 1.65 V to 1.95 V, VCC = 4.5
to 5.5 V, Typical at 5 V
6
10
19
ns
tSK(P)
Pulse skew, |tPHL – tPLH|
VCC = 3 to 3.6 V, Typical at 3.3 V
1
3
ns
VCC = 4.5 to 5.5 V, Typical at 5 V
1
3
ns
tPHZ, tPLZ
Disable time
RE = X
See Figure 6-4
and Figure 6-5
14
30
ns
tPZH, tPZL
Enable time
RE = 0 V ; VIO = 1.65 V to 1.95 V,
2.25 V to 2.75 V
20
35
ns
RE = 0 V ; VIO = 3 V to VCC V
15
32
ns
RE = VIO
2.5
4.5
μs
tSHDN
Time to shutdown
RE = VIO
50
500
ns
Receiver
tr, tf
Output rise/fall time
CL = 15 pF
See Figure 6-6
1.5
6
ns
tPHL, tPLH
Propagation delay
CL = 15 pF, VIO = 3 V to 3.6 V
See Figure 6-6
25
33
58
ns
tPHL, tPLH
Propagation delay
CL = 15 pF, VIO = 1.65 V to 1.95 V See Figure 6-6
25
35
60
ns
tSK(P)
Pulse skew, |tPHL – tPLH|
CL = 15 pF
See Figure 6-6
0.5
5
ns
tPHZ, tPLZ
Disable time
DE = X
12
25
ns
tPZH(1),
tPZL(1)
Enable time
DE = VIO
VIO = 1.65 V to 1.95 V,
See Figure 6-7
50
82
ns
VIO = 3 V to 3.6 V,
See Figure 6-7
50
75
ns
tPZH(2),
tPZL(2)
Enable time
DE = 0 V
See Figure 6-8
2.8
5
μs
tD(OFS)
Delay to enter fail-safe operation
CL = 15 pF
See Figure 6-9
7
10
18
μs
tD(FSO)
Delay to exit fail-safe operation
19
32
50
ns
tSHDN
Time to shutdown
DE = 0 V
See Figure 6-8
50
500
ns
(1)
A, B are driver output and receiver input terminals for Half duplex devices; A/B are Receiver input, Y/Z are driver output terminals for
Full duplex device
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com