Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 17 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 13Page - Texas Instruments THVD2452VDREP Datasheet HTML 14Page - Texas Instruments THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments THVD2452VDREP Datasheet HTML 20Page - Texas Instruments THVD2452VDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
7 Detailed Description
7.1 Overview
THVD2410V-EP and THVD2450V-EP are fault-protected, half duplex RS-485 transceivers available in two
speed grades suitable for data transmission up to 1Mbps and 50Mbps respectively. THVD2452V-EP is a
full-duplex transceiver that can be configured for two speeds using the SLR pin: 20Mbps and 50Mbps. The
devices have active-high driver enables and active-low receiver enables. A shutdown current of less than 1µA
can be achieved by disabling both driver and receiver.
7.2 Functional Block Diagrams
D
DE
R
GND
V
IO
SLR
RE
A
B
V
CC
Figure 7-1. THVD2410V-EP and THVD2450V-EP Block Diagram
Y
Z
A
B
D
DE
R
V
CC
V
IO
SLR
RE
GND
Figure 7-2. THVD2452V-EP Block Diagram
7.3 Feature Description
7.3.1 ±70-V Fault Protection
THVD24xxV-EP transceivers have extended bus fault protection compared to standard RS-485 devices.
Transceivers that operate in rugged industrial environments are often exposed to voltage transients greater than
the -7V to +12V defined by the TIA/EIA-485A standard. To protect against such conditions, the generic RS-485
devices with lower absolute maximum ratings requires expensive external protection components. To simplify
system design and reduce overall system cost, THVD24xxV-EP devices are protected up to ±70V without the
need for any external components.
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com