Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 26 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 26 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 22Page - Texas Instruments THVD2452VDREP Datasheet HTML 23Page - Texas Instruments THVD2452VDREP Datasheet HTML 24Page - Texas Instruments THVD2452VDREP Datasheet HTML 25Page - Texas Instruments THVD2452VDREP Datasheet HTML 26Page - Texas Instruments THVD2452VDREP Datasheet HTML 27Page - Texas Instruments THVD2452VDREP Datasheet HTML 28Page - Texas Instruments THVD2452VDREP Datasheet HTML 29Page - Texas Instruments THVD2452VDREP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
8.2.3 Application Curves
THVD2410V-EP
VCC = 3.3V
RL = 50Ω
Random (PRBS7) data at 250kbps
Figure 8-7. THVD2410V-EP Waveforms at VCC = 3.3V
THVD2450V-EP
VCC = 3.3V
RL = 50Ω
Random (PRBS7) data at 50Mbps
Figure 8-8. THVD2450V-EP Waveforms at VCC = 3.3V
THVD2450V-EP
Pin A is supplied with ±200mV with 1.5V
DC bias
Pin B = 1.5V
Figure 8-9. THVD2450V-EP Receiver Waveforms with ±200mV VID
8.3 Power Supply Recommendations
For reliable operation at all data rates and supply voltages, each supply should be decoupled with a 100nF
ceramic capacitor located as close to the supply pins as possible. This helps to reduce supply voltage ripple
present on the outputs of switched-mode power supplies and also helps to compensate for the resistance and
inductance of the PCB power planes.
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com