Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 18 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 14Page - Texas Instruments THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments THVD2452VDREP Datasheet HTML 20Page - Texas Instruments THVD2452VDREP Datasheet HTML 21Page - Texas Instruments THVD2452VDREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
7.3.2 Integrated IEC ESD and EFT Protection
Internal ESD protection circuits protect the transceivers against electrostatic discharges (ESD) according to IEC
61000-4-2 of up to ±12kV and against electrical fast transients (EFT) according to IEC 61000-4-4 of up to ±4kV.
THVD24xxV-EP ESD structures help to limit voltage excursions and recover from them quickly that they allow
EFT Criterion A at the system level (no data loss when transient noise is present).
7.3.3 Driver Overvoltage and Overcurrent Protection
The THVD24xxV-EP drivers are protected against any DC supply shorts in the range of -70V to +70V. The
devices internally limit the short circuit current to ±250mA to comply with the TIA/EIA-485A standard. In addition,
a fold-back current limiting circuit further reduces the driver short circuit current to less than ±5mA if the output
fault voltage exceeds |±25V|.
All devices feature thermal shutdown protection that disables the driver and the receiver if the junction
temperature exceeds the TSHDN threshold due to excessive power dissipation.
7.3.4 Enhanced Receiver Noise Immunity
The differential receivers of THVD24xxV-EP feature fully symmetric thresholds to maintain duty cycle of the
signal even with small input amplitudes. In addition, 250mV (typical) hysteresis provides noise immunity.
7.3.5 Receiver Fail-Safe Operation
The receivers are fail-safe to invalid bus states caused by the following:
• Open bus conditions, such as a disconnected connector
• Shorted bus conditions, such as cable damage shorting the twisted-pair together
• Idle bus conditions that occur when no driver on the bus is actively driving
In any of these cases, the receiver outputs a fail-safe logic high state if the input amplitude stays for longer than
tD(OFS) at less than |VTH_FSH|.
7.3.6 Low-Power Shutdown Mode
Driving DE low and RE high for longer than 500ns puts the devices into the shutdown mode. If either DE goes
high or RE goes low, the counters reset. The devices does not enter the shutdown mode if the enable pins are
in disable state for less than 50ns. This feature prevents the devices from accidentally going into shutdown mode
due to skew between DE and RE.
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com