Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 19 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments THVD2452VDREP Datasheet HTML 20Page - Texas Instruments THVD2452VDREP Datasheet HTML 21Page - Texas Instruments THVD2452VDREP Datasheet HTML 22Page - Texas Instruments THVD2452VDREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
7.4 Device Functional Modes
When the driver enable pin, DE, is logic high, the differential outputs A and B follow the logic states at data input
D. A logic high at D causes A to turn high and B to turn low. In this case the differential output voltage defined
as VOD = VA – VB is positive. When D is low, the output states reverse: B turns high, A becomes low, and VOD is
negative.
When DE is low, both outputs turn high-impedance. In this condition the logic state at D is irrelevant. The DE
pin has an internal pull-down resistor to ground, thus when left open the driver is disabled (high-impedance) by
default. The D pin has an internal pull-up resistor to VCC, thus, when left open while the driver is enabled, output
A turns high and B turns low.
Table 7-1. Driver Function Table
INPUT
ENABLE
OUTPUTS
FUNCTION
D
DE
A/Y
B/Z
H
H
H
L
Actively drive bus high
L
H
L
H
Actively drive bus low
X
L
Z
Z
Driver disabled
X
OPEN
Z
Z
Driver disabled by default
OPEN
H
H
L
Actively drive bus high by default
When the receiver enable pin, RE, is logic low, the receiver is enabled. When the differential input voltage
defined as VID = VA – VB is higher than the positive input threshold, VTH+, the receiver output, R, turns high.
When VID is lower than the negative input threshold, VTH-, the receiver output, R, turns low. If VID is between
VTH+ and VTH- the output is indeterminate.
When RE is logic high or left open, the receiver output is high-impedance and the magnitude and polarity of VID
are irrelevant. Internal biasing of the receiver inputs causes the output to go failsafe-high when the transceiver is
disconnected from the bus (open-circuit), the bus lines are shorted to one another (short-circuit), or the bus is not
actively driven (idle bus).
Table 7-2. Receiver Function Table
DIFFERENTIAL INPUT
ENABLE
OUTPUT
FUNCTION
VID = VA – VB
RE
R
VTH+ < VID
L
H
Receive valid bus high
VTH- < VID < VTH+
L
?
Indeterminate bus state
VID < VTH-
L
L
Receive valid bus low
X
H
Z
Receiver disabled
X
OPEN
Z
Receiver disabled by default
Open-circuit bus
L
H
Fail-safe high output
Short-circuit bus
L
H
Fail-safe high output
Idle (terminated) bus
L
H
Fail-safe high output
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com