Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 13 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 9Page - Texas Instruments THVD2452VDREP Datasheet HTML 10Page - Texas Instruments THVD2452VDREP Datasheet HTML 11Page - Texas Instruments THVD2452VDREP Datasheet HTML 12Page - Texas Instruments THVD2452VDREP Datasheet HTML 13Page - Texas Instruments THVD2452VDREP Datasheet HTML 14Page - Texas Instruments THVD2452VDREP Datasheet HTML 15Page - Texas Instruments THVD2452VDREP Datasheet HTML 16Page - Texas Instruments THVD2452VDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
5.12 Typical Characteristics
DE = VCC
D = 0V
TA = 25 °C
Figure 5-1. Driver Output Voltage vs Driver Output Current
Driver Output Current (mA)
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
0.75
1.25
1.75
2.25
2.75
3.25
3.75
4.25
4.75
VOD (VCC = 3.3 V)
VOD (VCC = 5 V)
DE = VCC
D = 0V
TA = 25 °C
Figure 5-2. Driver Differential Output voltage vs Driver Output
Current
Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
35
40
45
50
55
60
65
70
75
TA = 25 °C
DE = D = VCC
RL = 54Ω
Figure 5-3. Driver Output Current vs Supply Voltage
Te mperature (°C)
-40
-20
0
20
40
60
80
100
120
140
480
500
520
540
560
580
600
620
VCC = 3.3 V
VCC = 5 V
Figure 5-4. THVD2410V-EP Driver Rise or Fall Time vs
Temperature
Te mperature (°C)
-40
-20
0
20
40
60
80
100
120
140
500
505
510
515
520
525
530
535
540
545
550
VCC = 3.3 V
VCC = 5 V
Figure 5-5. THVD2410V-EP Driver Propagation Delay vs
Temperature
Signaling Rate (kbps)
0
50
100
150
200
250
300
350
400
450
500
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
D009
VCC = 5 V
VCC = 3.3 V
TA = 25 °C
RL = 54Ω
Figure 5-6. THVD2410V-EP Supply Current vs Signal Rate
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com