Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 6 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 2Page - Texas Instruments THVD2452VDREP Datasheet HTML 3Page - Texas Instruments THVD2452VDREP Datasheet HTML 4Page - Texas Instruments THVD2452VDREP Datasheet HTML 5Page - Texas Instruments THVD2452VDREP Datasheet HTML 6Page - Texas Instruments THVD2452VDREP Datasheet HTML 7Page - Texas Instruments THVD2452VDREP Datasheet HTML 8Page - Texas Instruments THVD2452VDREP Datasheet HTML 9Page - Texas Instruments THVD2452VDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
5.6 Power Dissipation
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Driver and receiver enabled, loopback
for full duplex devices (A connected to
Y, B connected to Z)
VCC = 5.5 V, TA = 125 °C,
square wave at 50% duty cycle
Unterminated
RL = 300 Ω, CL = 50 pF (driver)
THVD2410V-EP
250 kbps
160
mW
1Mbps
250
THVD2450V-EP
THVD2452V-EP
20Mbps
310
50 Mbps
630
RS-422 load
RL = 100 Ω, CL = 50 pF (driver)
THVD2410V-EP
250 kbps
170
mW
1Mbps
250
THVD2450V-EP
THVD2452V-EP
20Mbps
290
50 Mbps
570
RS-485 load
RL = 54 Ω, CL = 50 pF (driver)
THVD2410V-EP
250 kbps
220
mW
1Mbps
280
THVD2450V-EP
THVD2452V-EP
20Mbps
325
50 Mbps
560
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com