Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 7 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 3Page - Texas Instruments THVD2452VDREP Datasheet HTML 4Page - Texas Instruments THVD2452VDREP Datasheet HTML 5Page - Texas Instruments THVD2452VDREP Datasheet HTML 6Page - Texas Instruments THVD2452VDREP Datasheet HTML 7Page - Texas Instruments THVD2452VDREP Datasheet HTML 8Page - Texas Instruments THVD2452VDREP Datasheet HTML 9Page - Texas Instruments THVD2452VDREP Datasheet HTML 10Page - Texas Instruments THVD2452VDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
5.7 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted). All typical values are at 25°C and supply voltage of VCC
= 5 V, VIO = 3.3 V , unless otherwise noted. (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
|VOD|
Driver differential output
voltage magnitude
RL = 60 Ω, –25 V ≤ Vtest ≤ 25 V (See Figure 6-1 )
1.5
3.3
V
RL = 60 Ω, –25 V ≤ Vtest ≤ 25 V, 4.5 V ≤ VCC ≤ 5.5 V (See Figure 6-1 )
2.1
3.3
V
RL = 100 Ω (See Figure 6-2 )
2
4
V
RL = 54 Ω (See Figure 6-2 )
1.5
3.5
V
Δ|VOD|
Change in differential
output voltage
RL = 54 Ω or 100 Ω (See Figure 6-2 )
–50
50
mV
VOC
Common-mode output
voltage
RL = 54 Ω or 100 Ω (See Figure 6-2 )
1
VCC/2
3
V
ΔVOC(SS)
Change in steady-state
common-mode output
voltage
RL = 54 Ω or 100 Ω (See Figure 6-2 )
–50
50
mV
IOS
Short-circuit output current
DE = VIO, -70 V ≤ (VA or VB) ≤ 70 V, or A shorted to B (A,B are driver
terminals for half duplex, Y/Z are for full duplex)
–250
250
mA
Receiver
II
Bus input current
DE = 0 V, VCC and VIO = 0 V or 5.5 V
VI = 12 V
90
125
μA
VI = 25 V
200
250
μA
VI = –7 V
–100
–80
μA
VI = –25 V
–350
–220
μA
VTH+
Positive-going input
threshold voltage (2)
Over common-mode range of ± 12 V
40
125
200
mV
VTH-
Negative-going input
threshold voltage (2)
–200
–125
-40
mV
VHYS
Input hysteresis
250
mV
VTH_FSH
Input fail-safe threshold
–40
40
mV
CA,B
Input differential
capacitance
Measured between A and B, f = 1 MHz
50
pF
VOH
Output high voltage
IOH = –8 mA, VIO = 3 to 3.6 V or 4.5 V to 5.5 V
VIO – 0.4 VIO – 0.2
V
VOL
Output low voltage
IOL = 8 mA, VIO = 3 to 3.6 V or 4.5 V to 5.5 V
0.2
0.4
V
VOH
Output high voltage
IOH = –4 mA, VIO = 1.65 to 1.95 V or 2.25 V to 2.75 V
VIO – 0.4 VIO – 0.2
V
VOL
Output low voltage
IOL = 4 mA, VIO = 1.65 to 1.95 V or 2.25 V to 2.75 V
0.2
0.4
V
IOZ
Output high-impedance
current, R pin
VO = 0 V or VIO, RE = VIO
–1
1
µA
Logic
IIN
Input current (DE , SLR)
1.65 V ≤ VIO ≤ 5.5 V, 0 V ≤ VIN ≤ VIO
5
µA
IIN
Input current (D, RE)
1.65 V ≤ VIO ≤ 5.5 V, 0 V ≤ VIN ≤ VIO
–5
µA
Thermal Protection
TSHDN
Thermal shutdown
threshold
Temperature rising
150
180
°C
THYS
Thermal shutdown
hysteresis
10
°C
Supply
UVVCC
(rising)
Rising under-voltage
threshold on VCC
2.3
2.6
V
UVVCC
(falling)
Falling under-voltage
threshold on VCC
1.95
2.2
V
UVVCC(hys)
Hysteresis on under-voltage
of VCC
150
mV
UVVIO
(rising)
Rising under-voltage
threshold on VIO
1.4
1.6
V
UVVIO
(falling)
Falling under-voltage
threshold on VIO
1.2
1.3
V
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com