Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452VDREP Datasheet(PDF) 22 Page - Texas Instruments

Part # THVD2452VDREP
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452VDREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button THVD2452VDREP Datasheet HTML 18Page - Texas Instruments THVD2452VDREP Datasheet HTML 19Page - Texas Instruments THVD2452VDREP Datasheet HTML 20Page - Texas Instruments THVD2452VDREP Datasheet HTML 21Page - Texas Instruments THVD2452VDREP Datasheet HTML 22Page - Texas Instruments THVD2452VDREP Datasheet HTML 23Page - Texas Instruments THVD2452VDREP Datasheet HTML 24Page - Texas Instruments THVD2452VDREP Datasheet HTML 25Page - Texas Instruments THVD2452VDREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Data Rate (bps)
10000
1000
100
10
100
1k
10 k
100 k
1M
10 M
100 M
Conservative
Characteristics
5%, 10%, and 20% Jitter
Figure 8-2. Cable Length vs Data Rate Characteristic
Even higher data rates are achievable (that is, 50Mbps for the THVD2450) in cases where the interconnect is
short enough (or has suitably low attenuation at signal frequencies) to not degrade the data.
8.2.1.2 Stub Length
When connecting a node to the bus, the distance between the transceiver inputs and the cable trunk, known as
the stub, should be as short as possible. Stubs present a non-terminated piece of bus line which can introduce
reflections of varying phase as the length of the stub increases. As a general guideline, the electrical length, or
round-trip delay, of a stub should be less than one-tenth of the rise time of the driver, thus giving a maximum
physical stub length as shown in Equation 1.
L(STUB) ≤ 0.1 × tr × v × c
(1)
where
• tr is the 10/90 rise time of the driver
• c is the speed of light (3 × 108 m/s)
• v is the signal velocity of the cable or trace as a factor of c
8.2.1.3 Bus Loading
The RS-485 standard specifies that a compliant driver must be able to drive 32 unit loads (UL), where 1 unit
load represents a load impedance of approximately 12kΩ. Because the THVD24xxV-EP devices consist of 1/8
UL transceivers, connecting up to 256 receivers to the bus is possible.
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com