Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-210 Datasheet (PDF) - Tyco Electronics

AT-210 Datasheet PDF - Tyco Electronics
Part # AT-210_1
Download  AT-210 Download
File Size   110.4 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz

AT-210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-210 Datasheet PDF - Tyco Electronics

Part # AT-210_1
Download  AT-210 Click to download

File Size   110.4 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz

AT-210 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT-210_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-210PIN MACOM-AT-210PIN Datasheet
146Kb / 2P
Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-210PIN MA-COM-AT-210PIN Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-210RTR MACOM-AT-210RTR Datasheet
146Kb / 2P
Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz
AT-210TR MACOM-AT-210TR Datasheet
146Kb / 2P
Digital Attenu a t o r, 15 dB, 4-Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-210TR MA-COM-AT-210TR Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
More results


Similar Description - AT-210_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0213 MACOM-AT65-0213_1 Datasheet
123Kb / 2P
Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0413 MACOM-AT90-0413_1 Datasheet
242Kb / 5P
Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-1413 MACOM-AT90-1413_1 Datasheet
261Kb / 5P
Digital Attenuator, 15dB, 4-Bit, TTL Driver DC - 4.0 GHz
AT-220 MACOM-AT-220_1 Datasheet
168Kb / 3P
Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz
AT-233-PIN MACOM-AT-233-PIN Datasheet
168Kb / 4P
Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz
AT-267 MACOM-AT-267_1 Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com