Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-220 Datasheet (PDF) - Tyco Electronics

AT-220 Datasheet PDF - Tyco Electronics
Part # AT-220_1
Download  AT-220 Download
File Size   168.08 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz

AT-220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-220 Datasheet PDF - Tyco Electronics

Part # AT-220_1
Download  AT-220 Click to download

File Size   168.08 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz

AT-220 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT-220_1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-2200 HIROSE-AT-2200 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
AT-2201 HIROSE-AT-2201 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
AT-2202 HIROSE-AT-2202 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
AT-2203 HIROSE-AT-2203 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
AT-2204 HIROSE-AT-2204 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
More results


Similar Description - AT-220_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0233 MACOM-AT65-0233_1 Datasheet
268Kb / 3P
Digital Attenuator 30dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0233 MACOM-AT90-0233_1 Datasheet
216Kb / 4P
Digital Attenuator 30dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MACOM-AT90-1233_1 Datasheet
217Kb / 4P
Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
AT-210 MACOM-AT-210_1 Datasheet
110Kb / 3P
Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com