Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS274C65ASHRHAR Datasheet (PDF) - Texas Instruments

TPS274C65ASHRHAR Datasheet PDF - Texas Instruments
Part # TPS274C65ASHRHAR
Download  TPS274C65ASHRHAR Download
File Size   2752.57 Kbytes
Page   90 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics

TPS274C65ASHRHAR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS274C65ASHRHAR Datasheet PDF - Texas Instruments

Part # TPS274C65ASHRHAR
Download  TPS274C65ASHRHAR Click to download

File Size   2752.57 Kbytes
Page   90 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics

TPS274C65ASHRHAR Datasheet (HTML) - Texas Instruments


TPS274C65ASHRHAR Product details

1 Features
• Quad-channel 72mΩ RON SPI-controlled smart
high-side switch
– Low RON ensures low power dissipation for
500mA to 2A DC loads
– SPI control allows for simple isolation of control
from output
• Adjustable current limiting enables improved
system level reliability
– TPS274C65AS, TPS274C65BS: Current limit
set-point from 250mA to 2.2A
– TPS274C65ASH: Current limit set-point from
290mA to 2.45A
• Capable of driving inductive, capacitive, and
resistive loads
– Dual current limit threshold for inrush current
management
– Integrated output clamp to demagnetize
inductive loads
• Robust output protection
– Integrated thermal shutdown
– Protection against short to ground events
– Configurable fault handling
• Diagnostic features enable improved module
intelligence
– Output load current measurements
– Wire-break and short-to-supply detection
• Small 6mm × 6mm leadless package

2 Applications
• Industrial PLC system
– Digital output module
– IOLink master port
– Sensor supply

3 Description
The TPS274C65xS device is a quad-channel smart
high-side switch with a serial interface (SPI) control
and is designed to meet the requirements of industrial
control systems. The low 72mΩ RDSON minimizes
device power dissipation even when providing large
output load current. The device integrates protection
and diagnostic features to ensure system protection
even during harmful events like short circuits or load
failures. The device protects against faults through a
reliable current limit which is adjustable from 250mA
to 2.45A to provide protection regardless of output
load current. The TPS274C65xS has a configurable
inrush current period which sets a higher current limit
during turn-on for high inrush current loads, charging
capacitive loads faster, or driving incandescent bulbs.
The TPS274C65xS also provides accurate current
sense and an integrated analog to digital converter
(AS) that allows for improved load diagnostics. By
reporting load current digitally, the device allows
for communication over any isolation barrier while
enabling predictive maintenance and load diagnostics
to improve system lifetime. Additional diagnostic
features are integrated, such as on-state or off-state
open load detection and short-to-supply detection.
The TPS274C65xS is available in a small 6mm ×
6mm VQFN package with 0.5mm pin pitch, which
minimizes design PCB footprint.




Similar Part No. - TPS274C65ASHRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS274C65ASHRHAR TI1-TPS274C65ASHRHAR Datasheet
2Mb / 90P
TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
FEBRUARY 2024
More results


Similar Description - TPS274C65ASHRHAR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
1Mb / 46P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65CP TI-TPS274C65CP Datasheet
1Mb / 32P
TPS274C65CP 72-mΩ Quad-Channel Smart High-Side Switch With Diagnostics
OCTOBER 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com