Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F320BFE-PBTL60 Datasheet (PDF) - Sharp Corporation

LH28F320BFE-PBTL60 Datasheet PDF - Sharp Corporation
Part # LH28F320BFE-PBTL60
Download  LH28F320BFE-PBTL60 Download

File Size   907.34 Kbytes
Page   37 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32M (x16) Flash Memory

LH28F320BFE-PBTL60 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F320BFE-PBTL60 Datasheet PDF - Sharp Corporation

Part # LH28F320BFE-PBTL60
Download  LH28F320BFE-PBTL60 Click to download

File Size   907.34 Kbytes
Page   37 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32M (x16) Flash Memory

LH28F320BFE-PBTL60 Datasheet (HTML) - Sharp Corporation

Back Button LH28F320BFE-PBTL60 Datasheet HTML 1Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 2Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 3Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 4Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 5Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 6Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 7Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 8Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 9Page - Sharp Corporation LH28F320BFE-PBTL60 Datasheet HTML 10Page - Sharp Corporation Next Button 

LH28F320BFE-PBTL60 Product details

The product, which is 4-Plane Page Mode Dual Work (Simultaneous Read while Erase/Program) Flash memory, is a low power, high density, low cost, nonvolatile read/write storage solution for a wide range of applications. The product can operate at VCC=2.7V-3.6V. Its low voltage operation capability greatly extends battery life for portable applications.



32Mbit (2Mbit×16) Page Mode Dual Work Flash MEMORY

■ 32M density with 16Bit I/O Interface

■ High Performance Reads

   • 60/25ns 8-Word Page Mode

■ Configurative 4-Plane Dual Work

   • Flexible Partitioning

   • Read operations during Block Erase or (Page Buffer) Program

   • Status Register for Each Partition

■ Low Power Operation

   • 2.7V Read and Write Operations

   • Automatic Power Savings Mode Reduces ICCR in Static Mode

■ Enhanced Code + Data Storage

   • 5µs Typical Erase/Program Suspends

■ OTP (One Time Program) Block

   • 4-Word Factory-Programmed Area

   • 4-Word User-Programmable Area

■ High Performance Program with Page Buffer

   • 16-Word Page Buffer

   • 5µs/Word (Typ.) at 12V WP#/ACC

■ Operating Temperature 0°C to +70°C

■ CMOS Process (P-type silicon substrate)

■ Flexible Blocking Architecture

   • Eight 4K-word Parameter Blocks

   • Sixty-three 32K-word Main Blocks

   • Bottom Parameter Location

■ Enhanced Data Protection Features

   • Individual Block Lock and Block Lock-Down with Zero-Latency

   • All blocks are locked at power-up or device reset.

   • Block Erase, Full Chip Erase, (Page Buffer) Word Program Lockout during Power Transitions

Automated Erase/Program Algorithms

   • 3.0V Low-Power 11µs/Word (Typ.)

      Programming

   • 12V No Glue Logic 9µs/Word (Typ.)

      Production Programming and 0.5s Erase (Typ.)

■ Cross-Compatible Command Support

   • Basic Command Set

   • Common Flash Interface (CFI)

■ Extended Cycling Capability

   • Minimum 100,000 Block Erase Cycles

■ 48-Lead TSOP

■ ETOXTM* Flash Technology

■ Not designed or rated as radiation hardened



 




Similar Part No. - LH28F320BFE-PBTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
More results


Similar Description - LH28F320BFE-PBTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
   32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZL SHARP-LH28F320BFHG-PBTLZL Datasheet
900Kb / 36P
   32M (x16) Flash Memory
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com