Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3040DC Datasheet (PDF) - Won-Top Electronics

SB3040DC Datasheet PDF - Won-Top Electronics
Part # SB3040DC
Download  SB3040DC Download
File Size   55.99 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB3040DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3040DC Datasheet PDF - Won-Top Electronics

Part # SB3040DC
Download  SB3040DC Click to download

File Size   55.99 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB3040DC Datasheet (HTML) - Won-Top Electronics


SB3040DC Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 200A Peak
Low Power Loss, High Efficiency
Fast Switching
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB3040DC

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB3040 SEMIKRON-SB3040 Datasheet
523Kb / 2P
Schottky barrier rectifiers diodes
logo
Pan Jit International I...
SB3040CT PANJIT-SB3040CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3040CT PACELEADER-SB3040CT Datasheet
166Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3040CT PANJIT-SB3040CT Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
30A SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB3040DC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
MBRD460CT DIODES-MBRD460CT Datasheet
65Kb / 3P
4A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30351 Rev. 3 - 2
SBG3030CT DIODES-SBG3030CT Datasheet
47Kb / 2P
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
SBG3030CT DIODES-SBG3030CT_1 Datasheet
70Kb / 2P
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. 5 - 2
logo
Won-Top Electronics
S30D30C WTE-S30D30C Datasheet
77Kb / 4P
30A DUAL SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB1620DC WTE-SB1620DC_06 Datasheet
48Kb / 4P
16A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT_15 Datasheet
82Kb / 5P
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 8
logo
Chip Integration Techno...
CP30L120SG CITC-CP30L120SG Datasheet
1Mb / 3P
30A Surface Mount Trench Schottky Rectifier
logo
Won-Top Electronics
SB30150DC WTE-SB30150DC Datasheet
45Kb / 4P
30A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com