Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2388S06F Datasheet (PDF) - Infineon Technologies AG

2ED2388S06F Datasheet PDF - Infineon Technologies AG
Part # 2ED2388S06F
Download  2ED2388S06F Download
File Size   776.08 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650 V half bridge gate driver with integrated bootstrap diode

2ED2388S06F Datasheet (PDF)

Go To PDF Page Download Datasheet
2ED2388S06F Datasheet PDF - Infineon Technologies AG

Part # 2ED2388S06F
Download  2ED2388S06F Click to download

File Size   776.08 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650 V half bridge gate driver with integrated bootstrap diode

2ED2388S06F Datasheet (HTML) - Infineon Technologies AG


2ED2388S06F Product details

Features
• Unique Infineon Thin-Film-Silicon On Insulator (SOI)-technology
• Negative VS transient immunity of -100 V
• Floating channel designed for bootstrap operation
• Operating voltages (VS node) upto + 650 V
• Maximum bootstrap voltage (VB node) of + 675 V
• Integrated ultra-fast, low resistance bootstrap diode
• 100 ns dead-time with integrated shoot-through prevention logic
• Logic operational up to –11 V on VS Pin
• Negative voltage tolerance on inputs of –5 V
• Independent under voltage lockout for both channels
• Schmitt trigger inputs with hysteresis
• 3.3 V, 5 V and 15 V input logic compatible
• Maximum supply voltage of 25 V
• DSO-8 package
• RoHS compliant




Similar Part No. - 2ED2388S06F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2304S06F INFINEON-2ED2304S06F Datasheet
1Mb / 14P
650 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
Version 2.6 2020-07-07
More results


Similar Description - 2ED2388S06F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2182S06F INFINEON-2ED2182S06F Datasheet
2Mb / 25P
650 V half-bridge gate driver with integrated bootstrap diode
V 2.21 2020-07-07
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2304S06F INFINEON-2ED2304S06F Datasheet
1Mb / 14P
650 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
Version 2.6 2020-07-07
2ED2104S06F INFINEON-2ED2104S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED2103S06F INFINEON-2ED2103S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
2ED2742S01G INFINEON-2ED2742S01G Datasheet
572Kb / 24P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2748S01G INFINEON-2ED2748S01G Datasheet
579Kb / 23P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com