Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP47P06 Datasheet (PDF) - Inchange Semiconductor Company Limited

FQP47P06 Datasheet PDF - Inchange Semiconductor Company Limited
Part # FQP47P06
Download  FQP47P06 Download
File Size   415.58 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

FQP47P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP47P06 Datasheet PDF - Inchange Semiconductor Company Limited

Part # FQP47P06
Download  FQP47P06 Click to download

File Size   415.58 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

FQP47P06 Datasheet (HTML) - Inchange Semiconductor Company Limited


FQP47P06 Product details

FEATURES
· Drain Current -ID= -47A@ TC=25℃
· Drain Source Voltage -VDSS= -60V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 26mΩ(Max)@VGS= -10V
APPLICATIONS
· Switched Mode Power Supplies
· DC Motor Control
· Variable Switching Power




Similar Part No. - FQP47P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
FQP47P06 UMW-FQP47P06 Datasheet
521Kb / 8P
-60V P-Channel MOSFET
More results


Similar Description - FQP47P06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com