Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP47P06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FQP47P06
Description  P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FQP47P06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FQP47P06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FQP47P06 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISF1191
eq FQP47P06
P-Channel MOSFET Transistor
www.iscsemi.com
1
FEATURES
· Drain Current -ID= -47A@ TC=25℃
· Drain Source Voltage -VDSS= -60V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 26mΩ(Max)@VGS= -10V
APPLICATIONS
· Switched Mode Power Supplies
· DC Motor Control
· Variable Switching Power
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
25
V
ID
Drain Current-Continuous
-47
A
IDM
Drain Current-Pulsed
-188
A
PD
Total Dissipation @TC=25℃
160
W
Tj
Max. Operating Junction
Temperature
175
℃
Tstg
Storage Temperature
-40~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(J-c)
Thermal Resistance Junction-to-Case
0.94
℃
/W
3
2
1
TO-220C Package


Similar Part No. - FQP47P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
FQP47P06 UMW-FQP47P06 Datasheet
521Kb / 8P
-60V P-Channel MOSFET
More results

Similar Description - FQP47P06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com