Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN358 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FDN358 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FDN358
Download  FDN358 Download
File Size   324.26 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P−CHANNEL MOSFET

FDN358 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN358 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN358
Download  FDN358 Click to download

File Size   324.26 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P−CHANNEL MOSFET

FDN358 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FDN358 Product details

Features
• Low gate charge (4 nC typical)
• High performance trench technology for extremely
low R DS(ON) .
• High power version of industry Standard SOT-23
package. Identical pin-out to SOT-23 with 30%
higher power handling capability.
• VDS (V) = -30V
• ID = -1.5 A
• RDS(ON) 90m (VGS = -10V)
• RDS(ON) 150m (VGS = -4.5V)




Similar Part No. - FDN358

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN358 FAIRCHILD-FDN358 Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
FDN358P FAIRCHILD-FDN358P Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - FDN358

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com