Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN358 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN358
Description  P−CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN358 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN358 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN358 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These devices are well suited for portable electronics
applications: load switching and power management,
battery charging circuits, and DC/DC conversion.
Features
•
• Low gate charge (4 nC typical)
• High performance trench technology for extremely
low R DS(ON) .
• High power version of industry Standard SOT-23
package. Identical pin-out to SOT-23 with 30%
higher power handling capability.
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
–1.5
A
– Pulsed
–5
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
FDN358
Rev:2023A2
1
SOT–23
1. GATE
2. SOURCE
3. DRAIN
VDS (V) = -30V
ID = -1.5 A
RDS(ON)
90m
(VGS = -10V)
RDS(ON)
150m
(VGS = -4.5V)
••
•
•
P−CHANNEL MOSFET


Similar Part No. - FDN358

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN358 FAIRCHILD-FDN358 Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
FDN358P FAIRCHILD-FDN358P Datasheet
85Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - FDN358

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com