Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1276541 Datasheet (PDF) - PHOENIX CONTACT

1276541 Datasheet PDF - PHOENIX CONTACT
Part # 1276541
Download  1276541 Download
File Size   601.34 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M12MSM-FSMPESH/.../... - Power cable

1276541 Datasheet (PDF)

Go To PDF Page Download Datasheet
1276541 Datasheet PDF - PHOENIX CONTACT

Part # 1276541
Download  1276541 Click to download

File Size   601.34 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M12MSM-FSMPESH/.../... - Power cable

1276541 Datasheet (HTML) - PHOENIX CONTACT


1276541 Product details

Power cable, 6-position, shielded (Advanced Shielding Technology), Plug straight M12, coding:
M, on Socket straight M12, coding: M, cable length: Free input (0.2 ... 40.0 m), for AC current up
to 8 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special M-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1276541

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1276542 PHOENIX-1276542 Datasheet
605Kb / 12P
SAC-6P-M12MSM-FRMPESH/.../... - Power cable
1276544 PHOENIX-1276544 Datasheet
465Kb / 11P
SAC-6P-M12FRM PE SH/.../... - Power cable
1276545 PHOENIX-1276545 Datasheet
612Kb / 18P
SAC-6P-M12FSM PE SH/.../... - Power cable
1276546 PHOENIX-1276546 Datasheet
625Kb / 18P
SAC-6P-M12MRM PE SH/.../... - Power cable
1276547 PHOENIX-1276547 Datasheet
467Kb / 11P
SAC-6P-M12MSM PE SH/.../... - Power cable
More results


Similar Description - 1276541

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407821 PHOENIX-1407821 Datasheet
63Kb / 4P
Master cable - SAC-6P-10,0-PURMC/M12FR
1415029 PHOENIX-1415029 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-6P-10,0-PUR/DTFS
09/11/2020
1522260 PHOENIX-1522260 Datasheet
161Kb / 13P
Sensor/actuator cable - SAC-6P- 5,0-PUR/M 8FR
09/11/2020
1428571 PHOENIX-1428571 Datasheet
362Kb / 9P
SAC-6P- 2,0-970/FS SCO - Bus system cable
1428584 PHOENIX-1428584 Datasheet
362Kb / 9P
SAC-6P- 5,0-970/FS SCO - Bus system cable
1428623 PHOENIX-1428623 Datasheet
365Kb / 9P
SAC-6P- 5,0-970/FR SCO - Bus system cable
1428636 PHOENIX-1428636 Datasheet
365Kb / 9P
SAC-6P-10,0-970/FR SCO - Bus system cable
1428526 PHOENIX-1428526 Datasheet
374Kb / 9P
SAC-6P-MS/15,0-970 SCO - Bus system cable
1428649 PHOENIX-1428649 Datasheet
365Kb / 9P
SAC-6P-15,0-970/FR SCO - Bus system cable
1428610 PHOENIX-1428610 Datasheet
365Kb / 9P
SAC-6P- 2,0-970/FR SCO - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com