Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1276546 Datasheet (PDF) - PHOENIX CONTACT

1276546 Datasheet PDF - PHOENIX CONTACT
Part # 1276546
Download  1276546 Download
File Size   625.26 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M12MRM PE SH/.../... - Power cable

1276546 Datasheet (PDF)

Go To PDF Page Download Datasheet
1276546 Datasheet PDF - PHOENIX CONTACT

Part # 1276546
Download  1276546 Click to download

File Size   625.26 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M12MRM PE SH/.../... - Power cable

1276546 Datasheet (HTML) - PHOENIX CONTACT


1276546 Product details

Power cable, 6-position, shielded (Advanced Shielding Technology), Plug angled M12, coding:
M, on free cable end, cable length: Free input (0.2 ... 40.0 m), for AC current up to 8 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special M-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1276546

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1276541 PHOENIX-1276541 Datasheet
601Kb / 12P
SAC-6P-M12MSM-FSMPESH/.../... - Power cable
1276542 PHOENIX-1276542 Datasheet
605Kb / 12P
SAC-6P-M12MSM-FRMPESH/.../... - Power cable
1276544 PHOENIX-1276544 Datasheet
465Kb / 11P
SAC-6P-M12FRM PE SH/.../... - Power cable
1276545 PHOENIX-1276545 Datasheet
612Kb / 18P
SAC-6P-M12FSM PE SH/.../... - Power cable
1276547 PHOENIX-1276547 Datasheet
467Kb / 11P
SAC-6P-M12MSM PE SH/.../... - Power cable
More results


Similar Description - 1276546

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407821 PHOENIX-1407821 Datasheet
63Kb / 4P
Master cable - SAC-6P-10,0-PURMC/M12FR
1415343 PHOENIX-1415343 Datasheet
66Kb / 4P
Power cable - SAC-4P-20,0-PUR/M12FST SH
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1415029 PHOENIX-1415029 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-6P-10,0-PUR/DTFS
09/11/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1522260 PHOENIX-1522260 Datasheet
161Kb / 13P
Sensor/actuator cable - SAC-6P- 5,0-PUR/M 8FR
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com