Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI20N1200TT Datasheet (PDF) - Rectron Semiconductor

RI20N1200TT Datasheet PDF - Rectron Semiconductor
Part # RI20N1200TT
Download  RI20N1200TT Download
File Size   150.71 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 1200V/20A RC-IGBT

RI20N1200TT Datasheet (PDF)

Go To PDF Page Download Datasheet
RI20N1200TT Datasheet PDF - Rectron Semiconductor

Part # RI20N1200TT
Download  RI20N1200TT Click to download

File Size   150.71 Kbytes
Page   8 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description 1200V/20A RC-IGBT

RI20N1200TT Datasheet (HTML) - Rectron Semiconductor


RI20N1200TT Product details

General Description
DOSEMI IGBT Power Discrete provides ultra
low conduction loss as well as low switching loss.
They are designed for the applications such as
inductive cooking.

Features
Low VCE(sat) Trench IGBT technology
Low switching loss
Maximum junction temperature 175oC
Low inductance case
VCE(sat) with positive temperature coefficient
Fast & soft reverse recovery anti-parallel FWD
Lead free package




Similar Part No. - RI20N1200TT

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RI20P1-QR20-LI2X2 TURCK-RI20P1-QR20-LI2X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI20P1-QR20-LI2X2-H1141 TURCK-RI20P1-QR20-LI2X2-H1141 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI20P1-QR20-LU4X2 TURCK-RI20P1-QR20-LU4X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI20P1-QR20-LU4X2-H1141 TURCK-RI20P1-QR20-LU4X2-H1141 Datasheet
1Mb / 4P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
RI20P2-QR20-LI2X2 TURCK-RI20P2-QR20-LI2X2 Datasheet
1Mb / 3P
Miniature Encoder – With Analog Output Premium Line
11/07/2023
More results


Similar Description - RI20N1200TT

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI50F-120 FUJI-2MBI50F-120 Datasheet
125Kb / 4P
IGBT(1200V 50A)
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
1200V, 20A Shorted-Anode IGBT
logo
Wuxi NCE Power Semicond...
NCE20G120T NCEPOWER-NCE20G120T Datasheet
348Kb / 8P
1200V, 20A, Trench NPT IGBT
logo
Fairchild Semiconductor
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
1200V, 20A Trench IGBT
logo
Renesas Technology Corp
RJH1CD5DPQ-E0 RENESAS-RJH1CD5DPQ-E0 Datasheet
59Kb / 4P
1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0 Datasheet
59Kb / 4P
1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_13 Datasheet
116Kb / 10P
1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_15 Datasheet
114Kb / 10P
1200V - 20A - IGBT Application: Inverter
logo
Infineon Technologies A...
IEWS20R5135IPB INFINEON-IEWS20R5135IPB Datasheet
1Mb / 28P
IPD Protect IGBT 20A/1350V RC-H5 technology with driver IC
Revision 2.3 2020-05-27
logo
MacMic
MM20G3R135B MACMIC-MM20G3R135B Datasheet
582Kb / 3P
1350V 20A RC- IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com