Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1438165 Datasheet (PDF) - PHOENIX CONTACT

1438165 Datasheet PDF - PHOENIX CONTACT
Part # 1438165
Download  1438165 Download
File Size   489.32 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-P12MS-4PL-CM SH - Connector

1438165 Datasheet (PDF)

Go To PDF Page Download Datasheet
1438165 Datasheet PDF - PHOENIX CONTACT

Part # 1438165
Download  1438165 Click to download

File Size   489.32 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-P12MS-4PL-CM SH - Connector

1438165 Datasheet (HTML) - PHOENIX CONTACT


1438165 Product details

Connector, Universal, 4-position, shielded, Plug straight M12 Push-Pull, coding: A, Push-lock
spring connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4 mm ... 8
mm

Your advantages
• Time-saving Push-Lock connection: Tool-free connection and disconnection of conductors by opening the contact levers
• Intuitive connection: Easy assignment of individual litz wires with color-coded and numerical identification of the contact levers
• Integrated Push-in Technology: Wire rigid and pretreated conductors easily by means of simple, direct insertion
• Shock- and vibration-resistant connection: Proven spring-cage technology guarantees secure and reliable contacting
• Safely shielded: Reliable 360° shield connection even under extreme mechanical strain
• Save time, thanks to installation with push-pull fast locking




Similar Part No. - 1438165

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1438162 PHOENIX-1438162 Datasheet
1Mb / 8P
SACC-P12FR-5PL-CM M - Connector
1438168 PHOENIX-1438168 Datasheet
492Kb / 9P
SACC-P12MR-4PL-CM SH - Connector
1438169 PHOENIX-1438169 Datasheet
490Kb / 9P
SACC-P12FS-4PL-CM SH - Connector
More results


Similar Description - 1438165

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021815 PHOENIX-1021815 Datasheet
92Kb / 4P
Connector - SACC-P12MS-5CT-CM SH
1021816 PHOENIX-1021816 Datasheet
95Kb / 4P
Connector - SACC-P12MR-5CT-CM SH
1422853 PHOENIX-1422853 Datasheet
148Kb / 9P
Connector - SACC-M12FR-5CT-CM SH
09/11/2020
1151366 PHOENIX-1151366 Datasheet
577Kb / 13P
SACC-M12FST-4PL-CM - Power connector
1323169 PHOENIX-1323169 Datasheet
198Kb / 4P
SACC-M8MSD-4PL-CL SH PN - Data connector
1328199 PHOENIX-1328199 Datasheet
198Kb / 4P
SACC-M8FSD-4PL-CL SH PN - Data connector
1424669 PHOENIX-1424669 Datasheet
637Kb / 18P
SACC-M12FR-4PL SH - Connector
1424685 PHOENIX-1424685 Datasheet
669Kb / 19P
SACC-M12FRD-4PL SH PN - Data connector
1080218 PHOENIX-1080218 Datasheet
596Kb / 13P
SACC-M12FST-4PL-CM SH - Power connector
1080239 PHOENIX-1080239 Datasheet
596Kb / 13P
SACC-M12MSL-4PL-CM SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com