Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1117 Datasheet (PDF) - Gamma Microelectronics Inc.

GM1117 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM1117
Download  GM1117 Download
File Size   227.59 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.0A LOW DROPOUT PRECISION LINEAR REGULATORS

GM1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1117 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM1117
Download  GM1117 Click to download

File Size   227.59 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.0A LOW DROPOUT PRECISION LINEAR REGULATORS

GM1117 Datasheet (HTML) - Gamma Microelectronics Inc.


GM1117 Product details

Description

The GM1117 is a positive low dropout regulator and is available in an adjustable version and fixed output voltage from 1.5V to 5.0V. All internal circuitry is designed to operate down to 800mV input to output differential and the dropout voltage is fully specified as a function of load current. On chip trimming adjusts the reference/output voltage to within ±1%. Current limit is also trimmed in order to minimize the stress on both the regulator and the power source circuitry under overloaded conditions.



Features

Adjustable or Fixed Output

Output Current of 1.0A

Dropout Voltage 1.5V max @ 1.0A

Line Regulation 0.2% max.

Load Regulation 0.4% max.

Fast Transient Response

Current Limit Protection

Thermal Shutdown Protection



Application

High Efficiency Linear Regulators

Post Regulators for Switching Supplies

Microprocessor Supply

Battery Powered Equipment

Reference Voltage Sources

Hard Drive Controllers

Battery Chargers

Adjustable Power Supply




Similar Part No. - GM1117

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
109Kb / 10P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3T GAMMA-GM1117-1.5ST3T Datasheet
109Kb / 10P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5TA3R GAMMA-GM1117-1.5TA3R Datasheet
109Kb / 10P
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results


Similar Description - GM1117

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
1.0A LOW DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com