Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6605 Datasheet (PDF) - Gamma Microelectronics Inc.

GM6605 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6605
Download  GM6605 Download
File Size   289.96 Kbytes
Page   10 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 5.0A LOW DROPOUT PRECISION LINEAR REGULATORS

GM6605 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6605 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6605
Download  GM6605 Click to download

File Size   289.96 Kbytes
Page   10 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 5.0A LOW DROPOUT PRECISION LINEAR REGULATORS

GM6605 Datasheet (HTML) - Gamma Microelectronics Inc.


GM6605 Product details

Description
GM6605 series of positive adjustable and fixed regulators is designed to provide 5A output current with low dropout voltage performance. On-chip trimming adjusts the reference voltage with an accuracy of ±1% for adjustable, and ±2% for fixed output voltage versions. Besides the features mentioned, GM6605 works well in post regulators or micro-processor power supplies where low voltage operation and fast transient response are required. GM6605 includes over current protection and thermal shutdown protection as well.
GM6605 is available in TO-220 and surface-mount TO-263 packages.

Features
■ Adjustable or Fixed Output
■ Output Current of 5A
■ Low Dropout, 1.5V max at 5A Output Current
■ 0.04% Line Regulation
■ 0.2 % Load Regulation
■ 100% Thermal Limit Burn-In
■ Fast Transient Response

Applications
■ Microprocessor Supply
■ Post Regulators for Switching Supplies
■ Telecommunication Systems
■ Medical Equipment
■ Printer Supplies
■ Motherboards




Similar Part No. - GM6605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
2Mb / 1P
Adjustable Shunt Regulators
GM6605 GAMMA-GM6605 Datasheet
195Kb / 11P
5.0A LOW DROPOUT PRECISION REGULATOR
logo
List of Unclassifed Man...
GM6605-1.8 ETC1-GM6605-1.8 Datasheet
184Kb / 9P
5.0A PRECISION LINEAR REGULATORS
GM6605-1.8TA3R ETC1-GM6605-1.8TA3R Datasheet
184Kb / 9P
5.0A PRECISION LINEAR REGULATORS
More results


Similar Description - GM6605

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
5.0A LOW DROPOUT PRECISION REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G951 GMT-G951 Datasheet
66Kb / 1P
1A, Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com