Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9818 Datasheet (PDF) - Exar Corporation

XRD9818 Datasheet PDF - Exar Corporation
Part # XRD9818
Download  XRD9818 Download
File Size   479.57 Kbytes
Page   28 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR

XRD9818 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD9818 Datasheet PDF - Exar Corporation

Part # XRD9818
Download  XRD9818 Click to download

File Size   479.57 Kbytes
Page   28 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR

XRD9818 Datasheet (HTML) - Exar Corporation


XRD9818 Product details

GENERAL DESCRIPTION
The XRD9818 is a fully integrated, high-performance analog signal processor/digitizer specifically designed for use in 3-channel/2-channel/1-channel CCD/CIS document imaging applications.

FEATURES
• 16-Bit A/D Converter
• Triple-Channel, 4MSPS Color Scan Mode
• Single-Channel, 8MSPS Monochrome Scan Mode
• Multiplexed 8-Bit or 4-Bit Output Data Formats
• Triple Correlated Double Sampler
• Triple 9-Bit Programmable Gain Amplifier
• Two Programmable Gain Ranges
• Triple 10-Bit Offset Compensation DAC
• -280mV to +380mV Offset Compensation
• 28-pin TSSOP Package
• Internal Voltage Reference
• 3V Operation with 5V Tolerant inputs
• Low Power CMOS: 190mW @ 3.3V (typ), Power Down 1mW (typ)

APPLICATIONS
• 48-Bit Color Scanners
• High-performance CCD or CIS Color Scanners
• Multifunction Peripherals
• Film Scanners




Similar Part No. - XRD9818

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814 EXAR-XRD9814 Datasheet
679Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814ACV EXAR-XRD9814ACV Datasheet
679Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814BCV EXAR-XRD9814BCV Datasheet
777Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9816ACV EXAR-XRD9816ACV Datasheet
679Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
More results


Similar Description - XRD9818

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814 EXAR-XRD9814 Datasheet
679Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Holtek Semiconductor In...
HT82V24 HOLTEK-HT82V24 Datasheet
241Kb / 21P
16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
September 7, 2005
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
HT82V46 HOLTEK-HT82V46 Datasheet
1Mb / 27P
16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
November 24, 2011
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com