Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9818 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD9818
Description  3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9818 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD9818 Datasheet HTML 3Page - Exar Corporation XRD9818 Datasheet HTML 4Page - Exar Corporation XRD9818 Datasheet HTML 5Page - Exar Corporation XRD9818 Datasheet HTML 6Page - Exar Corporation XRD9818 Datasheet HTML 7Page - Exar Corporation XRD9818 Datasheet HTML 8Page - Exar Corporation XRD9818 Datasheet HTML 9Page - Exar Corporation XRD9818 Datasheet HTML 10Page - Exar Corporation XRD9818 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
xr
xr
XRD9818
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
REV. 1.0.1
7
ELECTRICAL CHARACTERISTICS (CONTINUED) - XRD9818
AVDD=DVDD=3.3V, ADCLK=12MHZ, PGA GAIN=MIN, PIXEL RATE=4MHZ, TA=25C UNLESS OTHERWISE SPECIFIED
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
DIGITAL OUTPUT SPECIFICATIONS
Valid Output Logic Low
Vol
0.5
V
ISink = 2.0mA, CL=10pf
Valid Output Logic High
Voh
VDD-0.5
V
ISource = 2.0mA, CL=10pf
Tristate Leakage
IOLeak
-10
0.1
+10
µA
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
POWER SUPPLIES - 3 CHANNEL MODE
Analog Power Supply
AVDD
3.0
3.3
3.6
V
Digital Power Supply
DVDD
3.0
3.3
3.6
V
Analog IDD
IAVDD
30
57
70
mA
AVDD = DVDD = 3.6V
Digital IDD
IDVDD
0.1
7
20
mA
AVDD = DVDD = 3.6V
IDD Total
IDD
31
64
90
mA
AVDD = DVDD = 3.6V
Power Dissipation
PD
112
230
325
mW
AVDD = DVDD = 3.6V
Power Down Current
IDDPDN
0.2
1.3
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
POWER SUPPLIES - 1 CHANNEL MODE
Analog Power Supply
AVDD
3.0
3.3
3.6
V
Digital Power Supply
DVDD
3.0
3.3
3.6
V
IDD Total
IDD
40
mA
AVDD = DVDD = 3.6V
Power Dissipation
PD
145
mW
AVDD = DVDD = 3.6V
Power Down Current
IDDPDN
0.2
1.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com