Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9824 Datasheet (PDF) - Exar Corporation

XRD9824 Datasheet PDF - Exar Corporation
Part # XRD9824
Download  XRD9824 Download
File Size   265.52 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD9824 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD9824 Datasheet PDF - Exar Corporation

Part # XRD9824
Download  XRD9824 Click to download

File Size   265.52 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD9824 Datasheet (HTML) - Exar Corporation


XRD9824 Product details

GENERAL DESCRIPTION
The XRD9824 is a complete linear CIS or CCD sensor signal processor on a single monolithic chip. The XRD9824 includes a high speed 14-bit resolution ADC, a 6-bit Programmable Gain Amplifier with gain adjustment of 1 to 10, and 8-bit programmable input referred offset calibration range of 800mV.

FEATURES
• 14-Bit Resolution, No Missing Codes
• One-channel 6MSPS Pixel Rate
• Triple-channel 2MSPS Pixel Rate
• 6-Bit Programmable Gain Amplifier
• 8-Bit Programmable Offset Adjustment
• CIS or CCD Compatibility
• Internal Clamp for CIS or CCD AC Coupled Configurations
• 5V Operation
• Serial Load Control Registers
• Low Power CMOS: 200mW-typ
• Low Cost 20-Lead Packages
• USB Compliant

APPLICATIONS
• Color and Grayscale Flatbed Scanners
• Color and Grayscale Sheetfed Scanners
• Multifunction Peripherals
• Digital Color Copiers
• General Purpose CIS or CCD Imaging
• Low Cost Data Acquisition
• Simple and Direct Interface to Canon 600 DPI Sensors




Similar Part No. - XRD9824

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9822 EXAR-XRD9822 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACD EXAR-XRD9825ACD Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825ACU EXAR-XRD9825ACU Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results


Similar Description - XRD9824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.A
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
logo
Exar Corporation
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD98L23 EXAR-XRD98L23 Datasheet
452Kb / 32P
8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com