Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9827 Datasheet (PDF) - Exar Corporation

XRD9827 Datasheet PDF - Exar Corporation
Part # XRD9827
Download  XRD9827 Download
File Size   264.35 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD9827 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD9827 Datasheet PDF - Exar Corporation

Part # XRD9827
Download  XRD9827 Click to download

File Size   264.35 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD9827 Datasheet (HTML) - Exar Corporation


XRD9827 Product details

GENERAL DESCRIPTION
The XRD9827 is a complete linear CIS or CCD sensor signal processor on a single monolithic chip. The XRD9827 includes a high speed 12-Bit resolution ADC, a 6-Bit Programmable Gain Amplifier with gain adjustment of 1 to 10, and 8-Bit programmable input referred offset calibration range of 800mV.

FEATURES
• 12-Bit Resolution, No Missing Codes
• One-channel 6MSPS Pixel Rate
• Triple-channel 2MSPS Pixel Rate
• 6-Bit Programmable Gain Amplifier
• 8-Bit Programmable Offset Adjustment
• CIS or CCD Compatibility
• Internal Clamp for CIS or CCD AC Coupled Configurations
• 3.3V or 5V Operation & I/O Compatibility
• Serial Load Control Registers
• Low Power CMOS: 200mW-typ
• Low Cost 20-Lead Packages
• USB Compliant

APPLICATIONS
• Color and Grayscale Flatbed Scanners
• Color and Grayscale Sheetfed Scanners
• Multifunction Peripherals
• Digital Color Copiers
• General Purpose CIS or CCD Imaging
• Low Cost Data Acquisition
• Simple and Direct Interface to Canon 600 DPI Sensors




Similar Part No. - XRD9827

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9822 EXAR-XRD9822 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACD EXAR-XRD9824ACD Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9824ACU EXAR-XRD9824ACU Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
More results


Similar Description - XRD9827

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP3000 BURR-BROWN-VSP3000 Datasheet
145Kb / 13P
12-Bit, 6MHz CCD/CIS SIGNAL PROCESSOR
VSP3010 BURR-BROWN-VSP3010 Datasheet
199Kb / 16P
12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Exar Corporation
XRD98L23 EXAR-XRD98L23 Datasheet
452Kb / 32P
8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com