Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1912825 Datasheet (PDF) - PHOENIX CONTACT

1912825 Datasheet PDF - PHOENIX CONTACT
Part # 1912825
Download  1912825 Download
File Size   285.86 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5 HC/11-ST - PCB connector

1912825 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912825 Datasheet PDF - PHOENIX CONTACT

Part # 1912825
Download  1912825 Click to download

File Size   285.86 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5 HC/11-ST - PCB connector

1912825 Datasheet (HTML) - PHOENIX CONTACT


1912825 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Tin, contact connection type:
Socket, number of potentials: 11, number of rows: 1, number of positions: 11, number of
connections: 11, product range: MVSTBW 2,5 HC/..-ST, pitch: 5 mm, connection method: Screw
connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection direction:
-90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1912825

ManufacturerPart #DatasheetDescription
logo
MolexKits
19128-0021 MOLEXKITS-19128-0021 Datasheet
39Kb / 3P
Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
19128-0021 MOLEXKITS-19128-0021 Datasheet
40Kb / 4P
Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
19128-0021 MOLEXKITS-19128-0021 Datasheet
39Kb / 3P
Assorted Non-Insulated 250Quick Disconnect Ring, Spade, Butt Splice and Hook Terminal
logo
PHOENIX CONTACT
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912841 PHOENIX-1912841 Datasheet
394Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 2-ST-5,08
More results


Similar Description - 1912825

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1912731 PHOENIX-1912731 Datasheet
311Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 2-ST
1912841 PHOENIX-1912841 Datasheet
394Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 2-ST-5,08
1912760 PHOENIX-1912760 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 5-ST - PCB connector
1912786 PHOENIX-1912786 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 7-ST - PCB connector
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912773 PHOENIX-1912773 Datasheet
305Kb / 11P
MVSTBW 2,5 HC/ 6-ST - PCB connector
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
1912744 PHOENIX-1912744 Datasheet
302Kb / 11P
MVSTBW 2,5 HC/ 3-ST - PCB connector
1912883 PHOENIX-1912883 Datasheet
371Kb / 12P
MVSTBW 2,5 HC/ 6-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com