Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2003631-F Datasheet (PDF) - Infinite Electronics International, Inc.

2003631-F Datasheet PDF - Infinite Electronics International, Inc.
Part # 2003631-F
Download  2003631-F Download
File Size   201.38 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description PROFIBUS DP / FMS / FIP 150 Ohm

2003631-F Datasheet (PDF)

Go To PDF Page Download Datasheet
2003631-F Datasheet PDF - Infinite Electronics International, Inc.

Part # 2003631-F
Download  2003631-F Click to download

File Size   201.38 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description PROFIBUS DP / FMS / FIP 150 Ohm

2003631-F Datasheet (HTML) - Infinite Electronics International, Inc.


2003631-F Product details

USE OF CABLE
as fieldbus cable for PROFIBUS (Process Field BUS) systems, for fixed
installation & limited flexible applications.
These cables are suitable for PROFIBUS DP (Decentralized Peripherals)
and PROFIBUS FMS (Fieldbus Message Specification) and also for FIP
(Factory Instrumentation Protocol) applications.
Standard acc. to Profibus-Spec.: EN61158 & EN61784 (DIN19245 T3 &
EN50170)
SPECIAL FEATURES
largely resistant to grease, coolant fluids and lubricants
oil-resistant: PUR & PVC acc.to DIN EN 60811-2-1 (PVC only mineral
oil)
Marine MUD acc.to NEK 606 (drilling mud)
UV-resistant: PUR; FEP; PVC & PE black; CMG & CMX types
optimized EMC compliant shielding max. cable lengths for a bus segment acc.to PI at stated transmission
rate:
PROFIBUS DP: 93,75kbit/s-max.1,2km | 187,5kbit/s-max.1km |
0,5Mbit/s-max.400m
1,5 Mbit/s-max.200m | 12,0 Mbit/s-max.100m
FIP : 2,5 Mbit/s-max. 200m
REMARKS
conform to RoHS // conform to DESINA (violet)
LABS-/silicone-free (during production)
conform to 2014/35/EU-Guideline ("Low-Voltage Directive") CE
FRNC: Flame Retardant Non Corrosive, halogen free
FC-Type = 'fast-connect' construction // PI = Profibus & Profinet
International




Similar Part No. - 2003631-F

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
20036 HONEYWELL-ACC-20036 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
Weidmuller
2003620000 WEIDMULLER-2003620000 Datasheet
456Kb / 6P
BLZP 5.00HC/06/180 AU OR BX
2003650000 WEIDMULLER-2003650000 Datasheet
406Kb / 7P
BLZ 7.62HP/05/180F SN BK BX PRT
logo
Infinite Electronics In...
2003675 L-COM-2003675 Datasheet
168Kb / 2P
CAN BUS - ControlerAreaNetwork 120 Ohm
2003675-F L-COM-2003675-F Datasheet
168Kb / 2P
CAN BUS - ControlerAreaNetwork 120 Ohm
More results


Similar Description - 2003631-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW3A3607 ETC2-VW3A3607 Datasheet
97Kb / 1P
Profibus DP communication card
logo
Prosoft-Technology
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
logo
Pepperl+Fuchs Inc.
FB8206H0630 PF-FB8206H0630 Datasheet
544Kb / 3P
EasyCom Com Unit for PROFIBUS DP/DP-V1
FB8209H0908 PF-FB8209H0908 Datasheet
638Kb / 3P
Unicom Com Unit for PROFIBUS DP/DP-V1
FB8209H0908.3 PF-FB8209H0908.3 Datasheet
804Kb / 3P
Unicom Com Unit for PROFIBUS DP/DP-V1
LB8106H0630 PF-LB8106H0630 Datasheet
603Kb / 4P
EasyCom Com Unit for PROFIBUS DP/DP-V1
2020-04-30
LB8109H0908 PF-LB8109H0908 Datasheet
583Kb / 4P
Unicom Com Unit for PROFIBUS DP/DP-V1
2020-05-06
logo
Schneider Electric
LUFP7 SCHNEIDER-LUFP7 Datasheet
111Kb / 2P
Profibus DP/Modbus communication gateway - 1 Profibus DP SUB-D9 - 1 RJ45 Modbus
May 11, 2022
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
TSXPBSCA400 SCHNEIDER-TSXPBSCA400 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 400 m
May 10, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com