Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2003675 Datasheet (PDF) - Infinite Electronics International, Inc.

2003675 Datasheet PDF - Infinite Electronics International, Inc.
Part # 2003675
Download  2003675 Download
File Size   168.29 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CAN BUS - ControlerAreaNetwork 120 Ohm

2003675 Datasheet (PDF)

Go To PDF Page Download Datasheet
2003675 Datasheet PDF - Infinite Electronics International, Inc.

Part # 2003675
Download  2003675 Click to download

File Size   168.29 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CAN BUS - ControlerAreaNetwork 120 Ohm

2003675 Datasheet (HTML) - Infinite Electronics International, Inc.


2003675 Product details

USE OF CABLE
as fieldbus cables for CAN (Controller Area Network) systems, in the field
of factory automation, for fixed installation & flexible applications.
This bussystem has its origins in the automotive sector and has
established itself in the field of production automation.
Standard acc. to CAN Spec.: ISO 11898
SPECIAL FEATURES
largely resistant to grease, coolant fluids and lubricants
oil-resistant: acc. to DIN EN 60811-2-1 (only mineral oil))
UV-resistant (TRAY & BURIAL)
direct burial (BURIAL)
EMC compliant shielding max. transmission rate: 1 Mbit/s at 40m segment length max. cable lengths for a bus segment depending on the cross section
0- 40 m AWG24, AWG22 | 40-300 m AWG22, AWG20 |
300-600 m AWG20 | 600-1.000 m AWG19
REMARKS
conform to RoHS
conform to DESINA (violet)
conform to 2014/35/EU-Guideline ("Low-Voltage Directive") CE
LABS-/silicone-free (during production)




Similar Part No. - 2003675

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
20036 HONEYWELL-ACC-20036 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
Weidmuller
2003620000 WEIDMULLER-2003620000 Datasheet
456Kb / 6P
BLZP 5.00HC/06/180 AU OR BX
logo
Infinite Electronics In...
2003630 L-COM-2003630 Datasheet
201Kb / 2P
PROFIBUS DP / FMS / FIP 150 Ohm
2003631 L-COM-2003631 Datasheet
201Kb / 2P
PROFIBUS DP / FMS / FIP 150 Ohm
2003631-F L-COM-2003631-F Datasheet
201Kb / 2P
PROFIBUS DP / FMS / FIP 150 Ohm
More results


Similar Description - 2003675

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
137Kb / 8P
CAN BUS TRANSCEIVER
Feb-1998
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
logo
Digital Core Design
DCAN DCD-DCAN Datasheet
144Kb / 3P
Configurable CAN Bus Controller
logo
Axiomtek Co., Ltd.
EBOX310-830-FL AXIOMTEK-EBOX310-830-FL Datasheet
504Kb / 2P
Optional CAN Bus support
EBOX620-831-FL AXIOMTEK-EBOX620-831-FL Datasheet
342Kb / 1P
Supports CAN bus
IPC912-211-FL-CAN AXIOMTEK-IPC912-211-FL-CAN Datasheet
544Kb / 2P
Supports CAN Bus module
logo
STMicroelectronics
L9615D013TR STMICROELECTRONICS-L9615D013TR Datasheet
132Kb / 8P
CAN BUS TRANSCEIVER
Sep-2013
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1 Datasheet
98Kb / 5P
CAN/CAN-FD Bus Protector
August, 2013 ??Rev. 0
logo
Mallory performance clu...
7740 MALLORY-7740 Datasheet
160Kb / 2P
CAN-Bus Hub
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1_16 Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com