Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1423 Datasheet (PDF) - Toshiba Semiconductor

S1423 Datasheet PDF - Toshiba Semiconductor
Part # S1423
Download  S1423 Download
File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON PNP EPITAXIAL TYPE (PCT PROCESS)

S1423 Datasheet (PDF)

Go To PDF Page Download Datasheet
S1423 Datasheet PDF - Toshiba Semiconductor

Part # S1423
Download  S1423 Click to download

File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON PNP EPITAXIAL TYPE (PCT PROCESS)

S1423 Datasheet (HTML) - Toshiba Semiconductor


S1423 Product details

GENERAL PURPOSE AMPLIFIER AND LOW NOISE AMPLIFIER APPLICATIONS.
FEATURES:
- Excellent hFE Linearity : hFE (0.1mA) hFE (2mA)
=0.95(Typ.)
. Designed for Complementary Use with S1420(hFE =70 700
;
. Small Collector Output Capacitance: C ob =4. 5pF(Max.)




Similar Part No. - S1423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S1420 TOSHIBA-S1420 Datasheet
85Kb / 2P
SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
logo
Sealevel Systems, Inc.
S1420-10R SEALEVEL-S1420-10R Datasheet
266Kb / 2P
SeaPAC-1420 10.4” Touchscreen Flat Panel Computer for Industrial Environments
S1420-12R SEALEVEL-S1420-12R Datasheet
262Kb / 2P
SeaPAC-1420 12.1” Touchscreen Flat Panel Computer for Industrial Environments
S1420-15R SEALEVEL-S1420-15R Datasheet
264Kb / 2P
SeaPAC-1420 15” Touchscreen Flat Panel Computer for Industrial Environments
S1420-17R SEALEVEL-S1420-17R Datasheet
270Kb / 2P
SeaPAC-1420 17” Touchscreen Flat Panel Computer for Industrial Environments
More results


Similar Description - S1423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com