Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY20518 Datasheet (PDF) - Silergy Corp.

SY20518 Datasheet PDF - Silergy Corp.
Part # SY20518
Download  SY20518 Download
File Size   1038.12 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency, 1MHz, 2A, Buck-Boost DC/DC Regulator

SY20518 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY20518 Datasheet PDF - Silergy Corp.

Part # SY20518
Download  SY20518 Click to download

File Size   1038.12 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency, 1MHz, 2A, Buck-Boost DC/DC Regulator

SY20518 Datasheet (HTML) - Silergy Corp.


SY20518 Product details

General Description
The SY20518 is a 2.6V to 5.5V input voltage range, high
efficiency, fixed frequency Buck-Boost converter that can
provide up to 2A of continuous current to a load that
requires a voltage below equal or above the input voltage.
The converter can provide power for system powered by
either a two-cell or three-cell alkaline, Ni-Cd or Ni-MH
batteries, or a single cell Li-Ion or Li-polymer battery.
The SY20518 is based on a fixed frequency, pulse-widthmodulation (PWM) controller using synchronous
rectification to obtain maximum efficiency. The output
voltage and compensation circuit can be programmed
using an external RC network.
The part automatically transitions to PFM mode under light
load conditions, to maintain high efficiency across the
entire load range.
During shutdown, the load is disconnected from the
battery and the part only consumes 0.1µA of current (typ.).
The device is available in a 2 mm ×3 mm QFN package.

Features
 2.6V to 5.5V Input Voltage Range
 2A Continuous Output Current Capability
 Adjustable Output Voltage between 2.6V and 3.8V
Independent of the Input Voltage
 1 MHz (typ.) Fixed Frequency Operation
 Four low RDSON Internal Power Switches
 Seamless Buck-Boost Transition
 Output Disconnect During Shutdown
 Power Good Indicator
 Built In Thermal Shut Down Protection, Hard
Short Protection

Applications
 Handheld Instruments
 MP3/MP4 Players
 Digital Cameras/Camcorders
 Personal Medical Products
 High Power LED’s
 Two-cell and three-cell alkaline, Ni-Cd or Ni-MH or
single cell Li battery powered products




Similar Part No. - SY20518

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY205216DWC SILERGY-SY205216DWC Datasheet
435Kb / 9P
Low Capacitance TVS Protection
Rev1.0
SY205232 SILERGY-SY205232 Datasheet
426Kb / 10P
Low Capacitance TVS Protection
Rev.1.0A
SY205232DWC SILERGY-SY205232DWC Datasheet
426Kb / 10P
Low Capacitance TVS Protection
Rev.1.0A
SY205232DXC SILERGY-SY205232DXC Datasheet
426Kb / 10P
Low Capacitance TVS Protection
Rev.1.0A
More results


Similar Description - SY20518

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Linear Technology
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
logo
AiT Semiconductor Inc.
A7642 AITSEMI-A7642 Datasheet
523Kb / 9P
DC-DC CONVERTER/BOOST (STEP-UP) 20V, 1MHz, 2A PWM REGULATOR
REV2.0 - JUN 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com