Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY20704 Datasheet (PDF) - Silergy Corp.

SY20704 Datasheet PDF - Silergy Corp.
Part # SY20704
Download  SY20704 Download
File Size   801.55 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description 150mA LDO Regulator

SY20704 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY20704 Datasheet PDF - Silergy Corp.

Part # SY20704
Download  SY20704 Click to download

File Size   801.55 Kbytes
Page   15 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description 150mA LDO Regulator

SY20704 Datasheet (HTML) - Silergy Corp.


SY20704 Product details

General Description
The SY20704 is a high input voltage, low-ground current,
low-dropout voltage regulator capable of sourcing 150mA
with only 300mV of dropout. The SY20704 wide inputvoltage range supports operation as low as 2.3V and up
to 30V. It provides a resistor programmable output voltage
with ±2% accuracy over temperature.
The SY20704 provides protection features including logic
enable control, thermal shutdown, current limit, and
reverse leakage current protection for reliable operation.
Its internal compensation enables stable operation using
low ESR ceramic capacitors. The device also provides
reverse input voltage protection up to -20V Abs. Max.
The device is suitable for use in multiple consumer and
industrial applications.
The SY20704 is available in SOT23-5 or DFN
2mm×2mm-6pin packages.

Features
 Input Voltage Range: 2.3V to 30V
 Low Dropout Voltage (300mV @ 150mA)
 150mA Output Current Capability
 Low Ground Current
 Ultra-Low Shutdown Current
 High Output Accuracy of ±2% Over Operating
Temperature Range
 Stable with Small Ceramic Capacitors
 Excellent Load and Line Regulation
 Reverse Leakage Current Protection
 Reverse Input Voltage Protection
 TTL Logic Enable Input
 Thermal Shutdown
 Compact SOT23-5 or DFN2×2-6 Packages
 RoHS Compliant and Halogen Free

Applications
 Battery-Powered Applications
 Consumer and Portable Products
 Notebooks
 Smartphones
 SMPS Post-Regulator/ DC-DC Modules




Similar Part No. - SY20704

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY20118A SILERGY-SY20118A Datasheet
1Mb / 15P
High-Efficiency, 1MHz, 4A Synchronous Step-Down Regulator
Rev. 1.0 Nov.10, 2022
SY20118ADFC SILERGY-SY20118ADFC Datasheet
1Mb / 15P
High-Efficiency, 1MHz, 4A Synchronous Step-Down Regulator
Rev. 1.0 Nov.10, 2022
SY20466 SILERGY-SY20466 Datasheet
1Mb / 15P
1.8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
SY20466A SILERGY-SY20466A Datasheet
1Mb / 15P
8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
SY20466AQMC SILERGY-SY20466AQMC Datasheet
1Mb / 15P
1.8V Minimum Input, 5.5V Maximum Output, 6A Peak-Current Synchronous Boost Converter with Output Disconnect
Rev.1.0
More results


Similar Description - SY20704

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com